Electronic Components Datasheet Search
  English  ▼

X  

TLE4209 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4209
Description  DC Motor Driver for Servo Driver Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4209 Datasheet HTML 1Page - Infineon Technologies AG TLE4209 Datasheet HTML 2Page - Infineon Technologies AG TLE4209 Datasheet HTML 3Page - Infineon Technologies AG TLE4209 Datasheet HTML 4Page - Infineon Technologies AG TLE4209 Datasheet HTML 5Page - Infineon Technologies AG TLE4209 Datasheet HTML 6Page - Infineon Technologies AG TLE4209 Datasheet HTML 7Page - Infineon Technologies AG TLE4209 Datasheet HTML 8Page - Infineon Technologies AG TLE4209 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE 4209
Overview
Data Sheet
5
2000-09-05
Note: In the operating range, the functions given in the circuit description are fulfilled.
1.6
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
VS
8
18
V
After
VS rising
above
VUV ON
Supply voltage increasing
VS
– 0.3
VUV ON V
Outputs in tristate
Supply voltage decreasing
VS
– 0.3
VUV OF
F
V
Outputs in tristate
Output current
IOUT1-2
– 0.8
0.8
A
–
Input current (FB, REF)
IIN
– 50
500
µA
–
Junction temperature
Tj
– 40
150
°C
–
1.7
Electrical Characteristics
8 V <
VS < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption
Supply current
IS
–
12
20
mA
–
Supply current
IS
–
20
30
mA
IOUT1 = 0.4 A
IOUT2 = – 0.4 A
Supply current
IS
–
30
50
mA
IOUT1 = 0.8 A
IOUT2 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
VUV ON
–
7.4
8
V
VS increasing
UV Switch OFF voltage
VUV OFF 6.3
6.9
–
V
VS decreasing
UV ON/OFF Hysteresis
VUVHY
–
0.5
–
V
VUV ON – VUV OFF
OV Switch OFF voltage
VOV OFF –
20.5
23
V
VS increasing
OV Switch ON voltage
VOV ON 17.5
20
–
V
VS decreasing
OV ON/OFF Hysteresis
VOVHY
–
0.5
–
V
VOV OFF – VOV ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com