Electronic Components Datasheet Search
  English  ▼

X  

TLC2940IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC2940IPW
Description  HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2940IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLC2940IPW Datasheet HTML 1Page - Texas Instruments TLC2940IPW Datasheet HTML 2Page - Texas Instruments TLC2940IPW Datasheet HTML 3Page - Texas Instruments TLC2940IPW Datasheet HTML 4Page - Texas Instruments TLC2940IPW Datasheet HTML 5Page - Texas Instruments TLC2940IPW Datasheet HTML 6Page - Texas Instruments TLC2940IPW Datasheet HTML 7Page - Texas Instruments TLC2940IPW Datasheet HTML 8Page - Texas Instruments TLC2940IPW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLC2940
HIGH-PERFORMANCE CMOS VOLTAGE-CONTROLLED OSCILLATOR
SLAS244 – OCTOBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, VCO OUT
IOH = – 2 mA
2.4
V
VOL
Low-level output voltage, VCO OUT
IOL = 2 mA
0.3
V
Zi(VCOIN)
Input impedance at VCOIN
VCO IN = 1/2 VDD
10
M
Ω
IDD(VCO)
Supply current
See Note 6
6
10
mA
fosc
Oscillation frequency
RBIAS = 2.4 kΩ, VCOIN = 1/2 VDD
32
40
48
MHz
tr
Output rise time
VCOIN = 0 V, RBIAS =2.4 kΩ ,
CL = 15 pF
13
ns
tf
Output fall time
VCOIN = 0 V, RBIAS =2.4 kΩ ,
CL = 15 pF
6
ns
Output duty ratio
RBIAS = 2.4 kΩ, VCOIN = 1/2 VDD,
See Note 7
40%
44%
60%
α(fosc)
Temperature coefficient of oscillation frequency
VCOIN = 1/2 VDD, RBIAS = 2.4 kΩ,
TA = –20°C to 85°C
0.07
%/
°C
kSVS(fosc)
Supply voltage coefficient of oscillation frequency
VCOIN = 1.5 V, RBIAS = 2.4 kΩ,
VDD = 2.7 V to 3.3 V
0.01
%/mV
NOTES:
6. VCOIN = 1/2 VDD, RBIAS = 2.4 kΩ, current through pin 1 and 8.
7. The maximum and minimum value of this parameter are not production tested.
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, VCO OUT
IOH = – 2 mA
4.5
V
VOL
Low-level output voltage, VCO OUT
IOL = 2 mA
0.5
V
Zi(VCOIN)
Input impedance at VCOIN
VCOIN = 1/2 VDD
10
M
Ω
IDD(VCO)
Supply current
See Note 6
16
30
mA
fosc
Oscillation frequency
RBIAS = 2.4 kΩ, VCOIN = 1/2 VDD
45
65
85
MHz
tr
Output rise time
VCOIN = 0 V, RBIAS =2.4 kΩ ,
CL = 15 pF
5.8
ns
tf
Output fall time
VCOIN = 0 V, RBIAS =2.4 kΩ ,
CL = 15 pF
3.2
ns
Output duty ratio
RBIAS = 2.4 kΩ, VCOIN = 1/2 VDD,
See Note 7
40%
46%
60%
α(fosc)
Temperature coefficient of oscillation frequency
VCOIN = 1/2 VDD, RBIAS = 2.4 kΩ,
TA = –20°C to 85°C
0.06
%/
°C
kSVS(fosc)
Supply voltage coefficient of oscillation frequency
VCOIN = 2.5 V, RBIAS = 2.4 kΩ,
VDD = 4.5 V to 5.5 V
0.005
%/mV
NOTES:
6. VCOIN = 1/2 VDD, RBIAS = 2.4 kΩ, current through pin 1 and 8.
7. The maximum and minimum value of this parameter are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com