Electronic Components Datasheet Search
  English  ▼

X  

TLE6250 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6250
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6250 Datasheet HTML 2Page - Infineon Technologies AG TLE6250 Datasheet HTML 3Page - Infineon Technologies AG TLE6250 Datasheet HTML 4Page - Infineon Technologies AG TLE6250 Datasheet HTML 5Page - Infineon Technologies AG TLE6250 Datasheet HTML 6Page - Infineon Technologies AG TLE6250 Datasheet HTML 7Page - Infineon Technologies AG TLE6250 Datasheet HTML 8Page - Infineon Technologies AG TLE6250 Datasheet HTML 9Page - Infineon Technologies AG TLE6250 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TLE 6250
Data Sheet Version 3.4
6
2002-10-08
Application Information for the 3.3V Version
The TLE 6250V33 can be used for both; 3.3V and 5V microcontroller logic supply as
shown below. Don´t apply external resistors between the power supply and this pin. This
may cause a voltage drop and so reduce the available voltage at this pin.
V
I
GND
CANH
CANL
TLE 6250 G V33
22 µF
100
nF
7
6
GND
µP
TxD
RxD
1
4
22 µF
V
CC
3
GND
2
V
Q1
100 nF
100 nF
e.g. TLE 4476
5V
5
V
33V
V
Q2
3.3V
22 µF
100 nF
INH
8
3.3V
V
I
GND
22 µF
100
nF
GND
µP
22 µF
V
Q
100 nF
100 nF
e.g. TLE 4270
5V
CANH
CANL
TLE 6250 G V33
7
6
TxD
RxD
1
4
V
CC
3
GND
2
5
V
33V
INH
8
5V
Application with 3.3V I/O supply
Application with 5V I/O supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com