Electronic Components Datasheet Search
  English  ▼

X  

TLE6250C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6250C
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6250C Datasheet HTML 1Page - Infineon Technologies AG TLE6250C Datasheet HTML 2Page - Infineon Technologies AG TLE6250C Datasheet HTML 3Page - Infineon Technologies AG TLE6250C Datasheet HTML 4Page - Infineon Technologies AG TLE6250C Datasheet HTML 5Page - Infineon Technologies AG TLE6250C Datasheet HTML 6Page - Infineon Technologies AG TLE6250C Datasheet HTML 7Page - Infineon Technologies AG TLE6250C Datasheet HTML 8Page - Infineon Technologies AG TLE6250C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet Version 3.4
5
2002-10-08
TLE 6250
TLE 6250 V33
Application Information
Figure 4
Mode State Diagram
Both, the TLE 6250 G as well as the TLE 6250 C offer three different operation modes
(see Figure 4), controlled by the INH and RM pin for the TLE6250 and only by the INH
pin for the 6250 V33. In the normal mode the device is able to receive and to transmit
messages whereas in the receive-only mode signals at the TxD input are not transmitted
to the CAN bus. The receive-only mode can be used for diagnostic purposes as well as
to prevent the bus being blocked by a faulty permanent dominant TxD input signal. The
stand-by mode is a low power mode that disables both, the receiver as well as the
transmitter. For the TLE 6250 G V33 and TLE 6250 C V33 the receive only mode
feature is not available. The inhibit feature for this versions works in the same way as for
the 5V versions.
In case the receive-only feature is not used the RM pin has to be left open. When the
stand-by mode is not used the INH pin has to be connected to ground level in order to
switch the TLE 6250 in normal mode.
AED02924
Normal Mode
INH = 0
RM = 1
INH = 0
Receive-only Mode
RM = 0
INH = 1
Stand-by Mode
RM = 0 / 1
INH = 0
and RM = 0
INH = 1
INH = 1
INH = 0
and RM = 1
RM = 0
RM = 1
Normal Mode
INH = 0
Stand-by
Mode
INH = 1
INH=1
INH=0
5V Version
3.3V Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com