Electronic Components Datasheet Search
  English  ▼

X  

TLE6250CV33 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6250CV33
Description  CAN-Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250CV33 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6250CV33 Datasheet HTML 17Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 18Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 19Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 20Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 21Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 22Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 23Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 24Page - Infineon Technologies AG TLE6250CV33 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TLE 6250 V33
Data Sheet Version 3.4
21
2002-10-08
Bus Transmitter
CANL/CANH recessive
output voltage
V
CANL/H
0.4
×
V
CC
–
0.6
×
V
CC
V
V
TxD = V33V
CANH, CANL recessive
output voltage difference
V
diff = VCANH – VCANL
no load; (see note 2)
V
diff
- 1
–
0.05
V
V
TxD = V33V
CANL dominant output
voltage
V
CANL
––
2.0
V
V
TxD = 0 V;
V
CC = 5 V
CANH dominant output
voltage
V
CANH
2.8
––
V
V
TxD = 0 V;
V
CC = 5 V
CANH, CANL dominant
output voltage difference
V
diff = VCANH – VCANL
V
diff
1.5
–
3.0
V
V
TxD = 0 V;
V
CC = 5 V
CANL short circuit
current
I
CANLsc
50
120
200
mA
V
CANLshort = 18 V
–
150
–
mA
V
CANLshort = 36 V
CANH short circuit
current
I
CANHsc
-200
-120
-50
mA
V
CANHshort = 0 V
CANH short circuit
current
I
CANHsc
–
-120
–
mA
V
CANHshort = -5 V
Output current
I
CANH,lk
-50
-300
-400
µA
V
CC =0 V, VCANH =
V
CANL = -7 V
-50
-100
-150
µA
V
CC =0 V, VCANH =
V
CANL = -2 V
Output current
I
CANH,lk
50
280
300
µA
V
CC =0 V, VCANH =
V
CANL = 7 V
50
100
150
µA
V
CC =0 V, VCANH =
V
CANL = 2 V
note 2) deviation from ISO/DIS 11898
Electrical Characteristics (cont’d)
4.5 V <
V
CC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL =60 Ω; VINH < VINH,ON;
– 40
°C < T
j < 150 °C; all voltages with respect to ground; positive current flowing into
pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com