Electronic Components Datasheet Search
  English  ▼

X  

TMS55175 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS55175
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55175 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS55175 Datasheet HTML 30Page - Texas Instruments TMS55175 Datasheet HTML 31Page - Texas Instruments TMS55175 Datasheet HTML 32Page - Texas Instruments TMS55175 Datasheet HTML 33Page - Texas Instruments TMS55175 Datasheet HTML 34Page - Texas Instruments TMS55175 Datasheet HTML 35Page - Texas Instruments TMS55175 Datasheet HTML 36Page - Texas Instruments TMS55175 Datasheet HTML 37Page - Texas Instruments TMS55175 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
34
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST
SAM
’551xx-60
’551xx-70
UNIT
PARAMETER
TEST
CONDITIONS†
PORT
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = – 1 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V,
VI = 0 V to 5.8 V,
All other pins
at 0 V to VCC
±10
±10
µA
IO
Output current (leakage)
VCC = 5.5 V,
VO = 0 V to VCC
See Note 3
±10
±10
µA
ICC1
Operating current ‡
See Note 4
Standby
180
165
mA
ICC1A Operating current‡
tc(SC) = MIN
Active
225
205
mA
ICC2
Standby current
All clocks = VCC
Standby
5
5
mA
ICC2A Standby current‡
tc(SC) = MIN
Active
70
65
mA
ICC3
RAS only refresh current
See Note 4
Standby
180
165
mA
ICC3A RAS only refresh current‡
tc(SC) = MIN,
See Note 4
Active
225
205
mA
ICC4
Page mode current‡
tc(P) = MIN,
Standby
’551x5
135
115
mA
ICC4
Page-mode current‡
c(P)
,
See Note 5
Standby
’551x6
140
140
mA
ICC4A Page mode current ‡
tc(SC) = MIN,
Active
’551x5
175
155
mA
ICC4A Page-mode current ‡
c(SC)
,
See Note 5
Active
’551x6
185
185
mA
ICC5
CBR current
See Note 4
Standby
180
165
mA
ICC5A CBR current‡
tc(SC) = MIN,
See Note 4
Active
225
205
mA
ICC6
Data-transfer current
See Note 4
Standby
200
180
mA
ICC6A Data-transfer current‡
tc(SC) = MIN
Active
250
225
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
NOTES:
3. SE is disabled for SQ output leakage tests.
4. Measured with one address change while RAS = VIL; tc(rd ), tc( W ), tc(TRD) = MIN
5. Measured with one address change while CAS = VIH
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 6)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
6
pF
Ci(RC)
Input capacitance, address strobe inputs
7
pF
Ci(W)
Input capacitance, write enable input
7
pF
Ci(SC)
Input capacitance, serial clock
7
pF
Ci(SE)
Input capacitance, serial enable
7
pF
Ci(DSF)
Input capacitance, special function
7
pF
Ci(TRG)
Input capacitance, transfer register input
7
pF
Co(O)
Output capacitance, SQ and DQ
7
pF
Co(QSF)
Output capacitance, QSF
9
pF
NOTE 6: VCC = 5 V ± 0.5 V, and the bias on pins under test is 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com