Electronic Components Datasheet Search
  English  ▼

X  

TPD1024S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1024S
Description  TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1024S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1024S Datasheet HTML 1Page - Toshiba Semiconductor TPD1024S Datasheet HTML 2Page - Toshiba Semiconductor TPD1024S Datasheet HTML 3Page - Toshiba Semiconductor TPD1024S Datasheet HTML 4Page - Toshiba Semiconductor TPD1024S Datasheet HTML 5Page - Toshiba Semiconductor TPD1024S Datasheet HTML 6Page - Toshiba Semiconductor TPD1024S Datasheet HTML 7Page - Toshiba Semiconductor TPD1024S Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPD1024S
2002-10-24
2
Block Diagram
Pin Description
Pin No.
Symbol
Function
1
IN
Input pin.
Input is CMOS-compatible, with pull-down resistor connected. Even if the input is open, output will not
accidentally turn on.
2
OUT
Output pin.
When current in excess of the typical current (3.5 A (typ.)) flows to the output pin, the current limiter
operates to protect the IC.
3
GND
Ground pin.
Timing Chart



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com