Electronic Components Datasheet Search
  English  ▼

X  

TPS2148 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2148
Description  3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2148 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2148 Datasheet HTML 2Page - Texas Instruments TPS2148 Datasheet HTML 3Page - Texas Instruments TPS2148 Datasheet HTML 4Page - Texas Instruments TPS2148 Datasheet HTML 5Page - Texas Instruments TPS2148 Datasheet HTML 6Page - Texas Instruments TPS2148 Datasheet HTML 7Page - Texas Instruments TPS2148 Datasheet HTML 8Page - Texas Instruments TPS2148 Datasheet HTML 9Page - Texas Instruments TPS2148 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS2148
TPS2158
SLVS373 – AUGUST 2001
6
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN/SWIN1) ≤ 5.5 V, 2.9 V ≤ VI(SWIN2) ≤ 5.5 V, VI(ENx) = 0 V, VI(LDO_EN) = 5 V, TJ = –40°C to
100
°C (unless otherwise noted)
enable input, ENx (active low)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pullup (source)
VI(ENx) = 0 V
5
µA
enable input, ENx (active high)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pulldown (sink)
VI(ENx) = 5 V
5
µA
enable input, LDO_EN (active high)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pulldown
VI(LDO_EN) = 5 V
5
µA
Falling-edge deglitch (see Note 1)
50
µs
NOTE 1. Specified by design, not tested in production.
thermal shutdown characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
First thermal shutdown (shuts down switch or regulator
in overcurrent)
Occurs at or above specified temperature
when overcurrent is present.
120
Recovery from thermal shutdown
110
°C
Second thermal shutdown (shuts down all switches and
regulator)
Occurs on rising temperature, irrespective of
overcurrent.
155
°C
Second thermal shutdown hysteresis
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com