Electronic Components Datasheet Search
  English  ▼

X  

TPS60210 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60210
Description  REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60210 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60210 Datasheet HTML 1Page - Texas Instruments TPS60210 Datasheet HTML 2Page - Texas Instruments TPS60210 Datasheet HTML 3Page - Texas Instruments TPS60210 Datasheet HTML 4Page - Texas Instruments TPS60210 Datasheet HTML 5Page - Texas Instruments TPS60210 Datasheet HTML 6Page - Texas Instruments TPS60210 Datasheet HTML 7Page - Texas Instruments TPS60210 Datasheet HTML 8Page - Texas Instruments TPS60210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Three operating modes can be programmed using the SNOOZE pin. When SNOOZE is low, the device is put
into snooze mode. In snooze mode, the device operates with a typical quiescent current of 2
µA while the output
voltage is maintained at 3.3 V
±6%. This is lower than the self-discharge current of most batteries. Load current
in snooze mode is limited to 2 mA. When SNOOZE is high, the device is put into normal operating mode. During
normal operating mode, the device operates in the newly developed linskip mode where it switches seamlessly
from the power saving pulse-skip mode at light loads to the low-noise constant-frequency linear-regulation
mode once the output current exceeds the linskip current threshold of about 7 mA. In this mode, the device
operates from the internal oscillator. The device is synchronized to an external clock signal if SNOOZE is
clocked; thus switching harmonics can be controlled and minimized.
Only four external capacitors are needed to build a complete low-ripple dc/dc converter. The push-pull operating
mode of two single-ended charge pumps assures the low output voltage ripple as charge is continuously
transferred to the output. All the devices can start with full load current. The devices include a low-battery
detector that issues a warning if the battery voltage drops below a user-defined threshold voltage or a
power-good detector that goes active when the output voltage reaches about 90% of its nominal value. This
dc/dc converter requires no inductors; therefore, EMI of the system is reduced to a minimum, making it easier
to use in designs. It is available in the small 10-pin MSOP package (DGS).
DGS PACKAGES
1
2
3
4
5
10
9
8
7
6
LBI
GND
C1−
C1+
OUT
LBO
SNOOZE
C2−
IN
C2+
TPS60210
TPS60212
1
2
3
4
5
10
9
8
7
6
GND
GND
C1−
C1+
OUT
PG
SNOOZE
C2−
IN
C2+
TPS60211
TPS60213
AVAILABLE OPTIONS
TA
PART NUMBER†
MARKING
DGS
PACKAGE
OUTPUT
CURRENT
(mA)
OUTPUT
VOLTAGE
(V)
DEVICE FEATURES
TPS60210DGS
AFD
100
3.3
Low-battery detector
−40
°C to 85°C
TPS60211DGS
AFE
100
3.3
Power-good detector
−40
°C to 85°C
TPS60212DGS
AFF
50
3.3
Low-battery detector
TPS60213DGS
AFG
50
3.3
Power-good detector
† The DGS package is available taped and reeled. Add R suffix to device type (e.g., TPS60210DGSR) to order
quantities of 3000 devices per reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com