Electronic Components Datasheet Search
  English  ▼

X  

TPS60211 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60211
Description  REGULATED 3.3V LOW RIPPLE CHARGE PUMP WITH ULTRA LOW OPERATING CURRENT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS60211 Datasheet HTML 9Page - Texas Instruments TPS60211 Datasheet HTML 10Page - Texas Instruments TPS60211 Datasheet HTML 11Page - Texas Instruments TPS60211 Datasheet HTML 12Page - Texas Instruments TPS60211 Datasheet HTML 13Page - Texas Instruments TPS60211 Datasheet HTML 14Page - Texas Instruments TPS60211 Datasheet HTML 15Page - Texas Instruments TPS60211 Datasheet HTML 16Page - Texas Instruments TPS60211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
3.3
3.2
3.1
2.9
0
100 200 300 400 500 600
3.5
3.6
TPS60210
OUTPUT VOLTAGE RIPPLE IN SNOOZE MODE
vs
TIME
3.7
700 800 900 1000
3.4
3
t − Time −
µs
VI = 2.4 V
IO = 1 mA
CO = 10 µF (Tantalum)
SNOOZE = Low
Figure 17
3.3
3.2
3.1
2.9
0
100 200 300 400 500 600
3.5
3.6
TPS60210
OUTPUT VOLTAGE RIPPLE IN SNOOZE MODE
vs
TIME
3.7
700 800 900 1000
3.4
3
t − Time −
µs
VI = 2.4 V
IO = 1 mA
CO = 2.2 µF (Ceramic)
SNOOZE = Low
Figure 18
Figure 19
TPS60210
LOAD TRANSIENT RESPONSE
100 mA
10 mA
0
50
100 150 200 250 300
3.26
3.28
3.30
350 400 450 500
3.24
t − Time −
µs
VI = 2.4 V
Figure 20
TPS60210
LINE TRANSIENT RESPONSE
3.30
3.26
2.2 V
0
1
2345
6
3.32
78
9
10
IO = 50 mA
3.28
2.8 V
t − Time − ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com