Electronic Components Datasheet Search
  English  ▼

X  

AC262 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC262
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC262 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC262 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC262 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature
2.0
1.5
1.0
0.5
Noise Figure
KEY: +25 ° C
+85 ° C
- 55 ° C
20.0
19.0
18.0
17.0
16.0
15.0
14.0
13.0
12.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point Vcc = 15
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
60
50
40
30
20
Intercept Point Vcc = 12
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
9.0
8.0
7.0
6.0
5.0
4.0
+15 V
+12 V
+15 V
+12 V
AC262
Model: AC262
Vcc=+15V
Icc=22.33
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.24
1.25
7.7
-11.3
20
1.17
1.18
7.8
-11.2
50
1.14
1.13
7.9
1.300
-11.2
100
1.20
1.14
7.9
1.068
-11.3
200
1.45
1.28
8.1
1.056
-11.9
300
1.98
1.68
8.2
1.174
-12.9
400
3.26
2.88
7.5
1.366
-15.4
LINEAR S-PARAMETERS
Model: AC262
Vcc=+15V
Icc=22.33
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.11
143.3
2.43
6.6
0.273
7.0
0.11
144.2
20
0.08
154.3
2.46
-2.0
0.276
-1.0
0.08
149.7
50
0.07
-178.6
2.48
-15.7
0.276
-15.0
0.06
162.8
100
0.09
-161.1
2.49
-35.0
0.272
-34.0
0.07
174.8
200
0.19
-176.9
2.53
-73.1
0.255
-71.0
0.12
171.7
300
0.33
143.1
2.56
-115.3
0.225
-113.0
0.25
147.8
400
0.53
90.1
2.38
-164.4
0.170
-161.0
0.48
110.5
Model: AC262
Vcc=+12V
Icc=17.52
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.16
1.16
7.8
-11.2
20
1.12
1.12
7.9
-11.1
50
1.12
1.10
8.0
1.257
-11.1
100
1.20
1.14
8.0
1.077
-11.3
200
1.48
1.32
8.1
1.067
-11.9
300
2.04
1.77
8.2
1.189
-13.0
400
3.36
3.12
7.4
1.388
-15.5
LINEAR S-PARAMETERS
Model: AC262
Vcc=+12V
Icc=17.52
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.07
150.9
2.47
4.6
0.276
5.0
0.08
152.6
20
0.06
165.4
2.50
-3.1
0.279
-3.0
0.06
159.3
50
0.06
-164.2
2.51
-16.7
0.278
-16.0
0.05
178.8
110
0.09
-152.5
2.50
-36.0
0.273
-35.0
0.07
-170.6
200
0.19
-173.8
2.54
-74.4
0.255
-72.0
0.14
178.0
300
0.34
144.1
2.56
-117.3
0.224
-114.0
0.28
149.6
400
0.54
89.6
2.35
-167.1
0.167
-162.0
0.51
110.0
Model: AC262
Vcc=+8V
Icc=10.90
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.09
1.10
7.9
-11.1
20
1.07
1.07
8.0
-11.1
50
1.11
1.09
8.0
1.271
-11.1
100
1.22
1.17
8.0
1.103
-11.3
200
1.55
1.43
8.0
1.118
-11.9
300
2.20
2.07
8.0
1.250
-13.3
400
3.66
3.91
6.9
1.441
-16.3
Model: AC262
Vcc=+5V
Icc=6.09
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.03
1.05
7.7
-11.3
20
1.02
1.03
7.8
-11.2
50
1.11
1.11
7.8
1.345
-11.3
100
1.26
1.25
7.8
1.179
-11.5
200
1.67
1.69
7.7
1.211
-12.3
300
2.43
2.73
7.3
1.353
-14.0
400
3.83
5.62
5.5
1.487
-17.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com