Electronic Components Datasheet Search
  English  ▼

X  

AC293 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC293
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC293 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC293 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC293 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC293
FREQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature Vcc = 15
4.0
3.0
2.0
1.0
Noise Figure Vcc = 15/12
K EY: + 25 ° C
+85 ° C
- 55 ° C
19.0
18.0
17.0
16.0
15.0
14.0
13.0
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point Vcc = 15
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
60
50
40
30
20
10
Intercept Point Vcc = 12
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
30.0
29.0
28.0
27.0
26.0
+15 V
+12 V
Model: AC293
Vcc=+15V
Icc=32.03
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.53
1.71
28.39
-163
-35.1
10
1.29
1.39
28.47
-173
-34.4
30
1.14
1.31
28.71
173
1.4
-34.5
50
1.11
1.35
28.81
164
1.3
-34.0
100
1.09
1.48
28.80
143
1.1
-34.2
150
1.15
1.59
28.69
123
1.1
-34.2
200
1.24
1.66
28.57
104
1.1
-34.4
250
1.39
1.68
28.41
84
1.1
-35.3
300
1.59
1.71
28.20
63
1.2
-35.5
350
1.87
1.83
27.84
41
1.2
-37.1
LINEAR S-PARAMETERS
Model: AC293
Vcc=+15V
Icc=32.03
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.21
-62.4
26.26
-162.5
0.018
14.1
0.26
104.9
10
0.13
-58.0
26.53
-173.4
0.019
6.6
0.16
85.9
30
0.07
-57.3
27.26
172.9
0.019
-3.9
0.14
53.6
50
0.05
-56.1
27.58
163.6
0.02
-12.1
0.15
41.4
100
0.04
-42.1
27.55
143.0
0.019
-23.6
0.19
24.1
150
0.07
-34.7
27.19
123.4
0.019
-39
0.23
6.7
200
0.11
-37.9
26.84
103.7
0.019
-50.8
0.25
-15.2
250
0.16
-46.3
26.34
83.6
0.017
-63.7
0.25
-42.4
300
0.23
-58.4
25.72
62.8
0.017
-83.4
0.26
-77.3
350
0.3
-71.7
24.67
40.7
0.014
-99.0
0.29
-118.1
400
0.37
-86.6
22.99
17.8
0.013
-125.4
0.37
-159.3
450
0.43
-102.6
20.48
-5.3
0.010
-141.6
0.48
165.9
Model: AC293
Vcc=+12V
Icc=25.8
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.56
1.71
27.95
-162
-34.8
10
1.33
1.40
28.05
-173
-34.4
30
1.2
1.35
28.31
173
1.4
-34.2
50
1.16
1.39
28.41
163
1.3
-33.7
100
1.16
1.51
28.39
143
1.2
-33.9
150
1.22
1.61
28.26
123
1.1
-34.4
200
1.31
1.66
28.13
103
1.1
-34.3
250
1.46
1.68
27.98
83
1.1
-35.0
300
1.67
1.72
27.75
62
1.2
-35.5
350
1.95
1.88
27.36
40
1.2
-37.2
LINEAR S-PARAMETERS
Model: AC293
Vcc=+12
VIcc= 25.8
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.22
-55
24.97
-162.4
0.018
0.26
99.5
10
0.14
-47.6
25.28
-173.3
0.019
0.17
77.7
30
0.09
-43.1
26.03
172.9
0.020
-3.8
0.15
44.9
50
0.08
-42.9
26.32
163.5
0.021
-11.4
0.16
32.8
100
0.07
-40.4
26.26
142.7
0.020
-25.4
0.20
15.7
150
0.1
-40.5
25.89
122.9
0.019
-39.0
0.23
-1.2
200
0.13
-45.3
25.51
103.1
0.019
-54.3
0.25
-23.2
250
0.19
-53.4
25.05
82.8
0.018
-68.1
0.25
-50.6
300
0.25
-64.5
24.41
61.9
0.017
-87.0
0.27
-86.0
350
0.32
-77.4
23.33
39.7
0.014
-102.7
0.31
-125.9
400
0.39
-91.8
21.65
16.9
0.013
-127.1
0.39
-164.8
450
0.44
-107.2
19.22
-6.1
0.009
-143.2
0.50
162.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com