Electronic Components Datasheet Search
  English  ▼

X  

TSL261 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSL261
Description  IR LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL261 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSL261 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL261 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TSL260, TSL261, TSL262
IR LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS021 – MAY 2000
6
www.taosinc.com
t
t
Copyright
E 2000, TAOS Inc.
APPLICATION INFORMATION
NOTE A: Output pulses low until beam is interrupted. Useful range is 1 ft to 20 ft; can be extended with lenses. This configuration is suited
for object detection, safety guards, security systems, and automatic doors.
† Stanley part number
TSL262
Sensor
Output
50 k
Ω
5 V
2
3
1
+
–
BN301†
4
5 V
4.7 k
Ω
15-k
Ω
TLC372
1
8
3
2
100 k
Ω
5 V
0.01
µF
Threshold
TLC555
4
3
1
5 V
8
27 k
Ω
7
6
2
3 k
Ω
0.01
µF
2N3906
18
Ω
Figure 9. Pulsed Optical-Beam Interrupter
NOTE A: Output goes low when light pulses from emitter are reflected back to sensor. Range is 6 in to 18 in depending upon object
reflectance. Useful for automatic doors, annunciators, object avoidance in robotics, automatic faucets, and security systems.
† OPTEK part number
‡ Stanley part number
OP295†
or
BN301‡
560 k
Ω
TSL260
Sensor
6 V
2
3
1
0.1
µF
NE567
4
1 k
Ω
270 k
Ω
0.1
µF
4.7
µF
1
µF
0.1
µF
10 k
Ω
100
Ω
+
+
3
27
1
8
Light
Shield
2N3904
0.01
µF
5
6
Figure 10. Proximity Detector



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com