Electronic Components Datasheet Search
  English  ▼

X  

AC347 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC347
Description  TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC347 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC347 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC347 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC345/AC347
FREQUENCY - MHz
Gain vs Temperature
Noise Figure
KEY: +25 ° C
+85 ° C
- 55 ° C
18.0
16.0
14.0
12.0
10.0
8.0
7.0
Power Output at 1 dB Compression
Intercept Point AC345
60
50
40
30
20
Intercept Point AC347
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.0
2.0
1.0
14.0
13.0
12.0
11.0
AC345
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
A C345
A C347
+15 V
+12 V
+ 12 V
+15 V
50
40
30
20
10
AC347
Model: AC345
Vcc=+15V
Icc=30.01
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.13
1.23
13.1
-17.2
5
1.09
1.13
13.1
-17.4
10
1.08
1.10
13.2
1.760
-17.4
50
1.11
1.09
13.1
0.767
-17.5
100
1.17
1.10
13.1
0.623
-17.5
200
1.36
1.12
13.2
0.634
-17.5
300
1.70
1.07
13.4
0.679
-17.4
400
2.30
1.08
13.3
0.736
-17.5
LINEAR S-PARAMETERS
Model: AC345
Vcc=+15V
Icc=30.01
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.06
-142.9
4.51
-170.9
0.138
176.0
0.10
132.9
5
0.04
-162.8
4.54
-177.0
0.135
177.0
0.06
139.0
10
0.04
-167.1
4.55
179.7
0.135
177.0
0.05
146.9
50
0.05
-146.0
4.52
168.8
0.134
169.0
0.04
137.9
100
0.08
-135.7
4.50
157.5
0.134
158.0
0.05
112.0
200
0.15
-139.1
4.56
134.7
0.134
137.0
0.06
75.0
300
0.26
-156.8
4.66
110.3
0.135
115.0
0.04
58.3
400
0.39
-179.5
4.63
83.7
0.134
92.0
0.04
152.7
500
0.53
154.0
4.39
55.5
0.129
70.0
0.13
144.9
Model: AC345
Vcc=+12V
Icc=24.15
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.11
1.21
12.9
-17.3
5
1.06
1.11
13.0
-17.5
10
1.06
1.08
13.0
1.887
-17.5
50
1.10
1.07
13.0
0.780
-17.6
100
1.18
1.08
12.9
0.647
-17.6
200
1.42
1.10
13.0
0.654
-17.5
300
1.82
1.05
13.1
0.700
-17.5
400
2.50
1.09
13.0
0.755
-17.5
Model: AC347
Vcc=+15V
Icc=45.78
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.14
1.25
13.3
-17.0
5
1.11
1.15
13.3
-17.1
10
1.10
1.13
13.4
1.748
-17.1
50
1.12
1.11
13.3
0.735
-17.2
100
1.18
1.12
13.3
0.609
-17.3
200
1.36
1.16
13.3
0.615
-17.4
300
1.67
1.27
13.3
0.640
-17.7
400
2.17
1.45
13.1
0.673
-18.1
LINEAR S-PARAMETERS
Model: AC347
Vcc=+15V
Icc=45.78
FREQ
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.07
-160.7
4.61
-171.4
0.141
177.0
0.11
140.5
5
0.05
-174.0
4.64
-177.2
0.140
178.0
0.07
150.3
10
0.05
-174.1
4.66
179.8
0.139
177.0
0.06
159.9
50
0.06
-152.4
4.63
169.1
0.138
170.0
0.05
169.1
100
0.08
-139.1
4.60
158.1
0.137
160.0
0.06
165.5
200
0.15
-136.0
4.61
136.0
0.135
140.0
0.08
159.3
300
0.25
-149.0
4.62
112.8
0.131
121.0
0.12
152.2
400
0.37
-167.5
4.53
88.7
0.125
101.0
0.19
140.6
500
0.49
170.2
4.31
63.5
0.117
81.0
0.27
124.1
Model: AC347
Vcc=+12V
Icc=36.93
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.13
1.23
13.2
-17.0
5
1.09
1.14
13.2
-17.1
10
1.09
1.11
13.3
1.741
-17.1
50
1.12
1.10
13.2
0.765
-17.2
100
1.20
1.11
13.2
0.624
-17.3
200
1.42
1.16
13.1
0.631
-17.4
300
1.78
1.28
13.1
0.658
-17.7
400
2.35
1.48
12.8
0.684
-18.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com