Electronic Components Datasheet Search
  English  ▼

X  

FT4232HQ Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT4232HQ
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HQ Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT4232HQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Copyright © Future Technology Devices International Limited
13
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
3.1.4.3
FT4232H pins used in an MPSSE
The FT4232H channel A and channel B, each have a Multi-Protocol Synchronous Serial Engine (MPSSE).
Each MPSSE can be independently configured to a number of industry standard serial interface protocols
such as JTAG, I2C or SPI, or it can be used to implement a proprietary bus protocol. For example, it is
possible to use one of the FT4232H’s channels (e.g. channel A) to connect to an SRAM configurable FPGA
such as supplied by Altera or Xilinx. The FPGA device would normally be un-configured (i.e. have no
defined function) at power-up. Application software on the PC could use the MPSSE to download
configuration data to the FPGA over USB. This data would define the hardware function on power up. The
other MPSSE channel (e.g. channel B) would be available for another serial interface function while channel
C and channel D can be configured as UART or bit-bang mode. Alternatively each MPSSE can be used to
control a number of GPIO pins. When configured in this mode, the pins used and the descriptions of the
signals are shown in Table 3.7
Channel A
Pin No.
Channel B
Pin No.
Name
Type
MPSSE Configuration Description
16
26
TCK/SK
OUTPUT
Clock Signal Output. For example:
JTAG – TCK, Test interface clock
SPI – SK, Serial Clock
17
27
TDI/DO
OUTPUT
Serial Data Output. For example:
JTAG – TDI, Test Data Input
SPI – DO, serial data output
18
28
TDO/DI
INPUT
Serial Data Input. For example:
JTAG – TDO, Test Data output
SPI – DI, Serial Data Input
19
29
TMS/CS
OUTPUT
Output Signal Select. For example:
JTAG – TMS, Test Mode Select
SPI – CS, Serial Chip Select
21
30
GPIOL0
I/O
General Purpose input/output
22
32
GPIOL1
I/O
General Purpose input/output
23
33
GPIOL2
I/O
General Purpose input/output
24
34
GPIOL3
I/O
General Purpose input/output
Table 3.7 Channel A and Channel B MPSSE Configured Pin Descriptions
For a functional description of this mode, please refer to section 4.4.
When either Channel A or Channel B or both channels are used in MPSSE mode, Channel C and Channel D
can be configured as asynchronous serial interface (RS232/422/485) or Bit-Bang mode or a combination of
both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com