Electronic Components Datasheet Search
  English  ▼

X  

FT260Q Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT260Q
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT260Q Datasheet HTML 35Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 36Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 37Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 38Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 39Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Copyright © Future Technology Devices International Limited
39
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
7.6
Power for Programming eFUSE
Figure 7.6 FSOURCE for eFUSE
When the FT260 is in normal operation without programming the eFUSE, the FSOURCE pin can be left
floating. If the programming mechanism is required in the system, a power source with 3.8V should be
applied. Figure 7.6 shows the related components for FSOURCE.
The programmer module, UMFTPD3A, which is developed by FTDI, can supply the power source for
FSOURCE. With the programming utility FT_PROG, it can control the programming procedure and timing
to the embedded eFUSE in the FT260. Users can easily set the vendor specifying parameters which are
defined in eFUSE for customizing the FT260.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61