Electronic Components Datasheet Search
  English  ▼

X  

UC382-2 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC382-2
Description  FAST LDO LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC382-2 Datasheet(HTML) 1 Page - Texas Instruments

  UC382-2 Datasheet HTML 1Page - Texas Instruments UC382-2 Datasheet HTML 2Page - Texas Instruments UC382-2 Datasheet HTML 3Page - Texas Instruments UC382-2 Datasheet HTML 4Page - Texas Instruments UC382-2 Datasheet HTML 5Page - Texas Instruments UC382-2 Datasheet HTML 6Page - Texas Instruments UC382-2 Datasheet HTML 7Page - Texas Instruments UC382-2 Datasheet HTML 8Page - Texas Instruments UC382-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fast Transient Response
D 10-mA to 3-A Load Current
D Short Circuit Protection
D Maximum Dropout of 450-mV at 3-A Load
Current
D Separate Bias and VIN Pins
D Available in Adjustable or Fixed-Output
Voltages
D 5-Pin Package Allows Kelvin Sensing of
Load Voltage
D Reverse Current Protection
description
The UC382 is a low-dropout-linear regulator providing a quick response to fast load changes. Combined with
its precision onboard reference, the UC382 excels at driving GTL and BTL buses. Due to its fast response to
load transients, the total capacitance required to decouple the regulator’s output can be significantly decreased
when compared to standard LDO linear regulators.
Dropout voltage (VIN to VOUT) is only 450 mV maximum at 100
°C and 350 mV typical at 3-A load.
The onboard bandgap reference is stable with temperature and scaled for a 1.2-V input to the internal-power
amplifier. The UC382 is available in fixed-output voltages of 1.5 V, 2.1 V, or 2.5 V. The output voltage of the
adjustable version can be set with two external resistors. If the external resistors are omitted, the output voltage
defaults to 1.2 V.
block diagram
+
THERMAL
SHUTDOWN
1.2 V
BANDGAP
REFERENCE
R2
R1
3
5
SHORT
CIRCUIT
SENSE
2
1
4
UC382−ADJ
UC382−1 (1.5 V)
UC382−2 (2.1 V)
UC382−3 (2.5 V)
OPEN
0
2 k
500
Ω
2 k
1.5 k
Ω
2 k
2.16 k
Ω
R1
R2
ADJ
GND
VOUT
VIN
VB
UDG-00080
Copyright
 2000−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
5-PIN TO-263
TD PACKAGE
(TOP VIEW)
5-PIN TO-220
T PACKAGE (TOP VIEW)
Note: Tab = Ground
All trademarks are the property of their respective owners.


Similar Part No. - UC382-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC382-2 TI1-UC382-2 Datasheet
604Kb / 19P
FAST LDO LINEAR REGULATOR
UC382-2 TI2-UC382-2 Datasheet
446Kb / 18P
FAST LDO LINEAR REGULATOR
REVISED FEBRUARY 2004
More results

Similar Description - UC382-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC182 TI-UC182 Datasheet
184Kb / 6P
Fast LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
LDO Linear Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
FAST LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
FAST LDO LINEAR REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
LDO Linear Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com