Electronic Components Datasheet Search
  English  ▼

X  

AC545 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC545
Description  TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC545 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC545 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC545 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC545/AC547
FREQUENCY - MHz
Gain vs Temperature
AC545
Gain vs Temperature
AC547
Noise Figure
K EY: + 25
°C
+85
°C
- 55
°C
16.0
14.0
12.0
10.0
8.0
6.0
Power Output at 1 dB Compression
Intercept Point
AC545
60
50
40
30
20
Intercept Point
AC547
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
10
20
30
50
100
200
300
400
500
600
4.5
3.5
2.5
1.5
14.0
13.0
12.0
11.0
AC545
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
14.0
13.0
12.0
11.0
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
AC545
AC547
+15 V
+12 V
+12 V
+15 V
50
40
30
20
10
AC547
Model: AC547
Vcc=+15V
Icc=44.84
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.16
1.10
13.1
-17.0
20
1.15
1.10
13.1
-17.0
50
1.16
1.10
13.1
0.558
-17.1
100
1.15
1.14
13.0
0.488
-17.1
200
1.16
1.22
13.0
0.502
-17.3
300
1.21
1.29
13.0
0.497
-17.5
400
1.28
1.37
13.1
0.507
-17.6
500
1.44
1.46
13.2
0.531
-17.8
600
1.63
1.50
13.2
0.567
-18.1
LINEAR S-PARAMETERS
Model: AC547
Vcc=+15V
Icc=44.84
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.07
-173.8
4.52
-179.9
0.142
178.0
0.05
153.3
20
0.07
178.9
4.50
177.1
0.141
177.0
0.05
153.0
50
0.07
-178.6
4.50
170.8
0.140
173.0
0.05
138.6
100
0.07
-176.7
4.45
162.1
0.139
166.0
0.06
115.7
200
0.08
-171.2
4.48
144.1
0.136
153.0
0.10
87.5
300
0.09
-162.8
4.48
126.3
0.134
140.0
0.13
68.8
400
0.12
-165.3
4.54
107.9
0.132
127.0
0.16
53.6
500
0.18
-173.3
4.57
88.9
0.128
114.0
0.19
45.0
600
0.24
172.4
4.56
68.5
0.125
101.0
0.20
38.9
700
0.31
154.8
4.56
48.2
0.120
88.0
0.20
31.3
Model: AC547
Vcc=+12V
Icc=35.86
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.15
1.09
13.0
-17.0
20
1.14
1.08
13.0
-17.0
50
1.14
1.09
13.0
0.570
-17.1
100
1.14
1.12
12.9
0.493
-17.2
200
1.17
1.18
12.9
0.508
-17.3
300
1.23
1.24
12.9
0.498
-17.5
400
1.32
1.31
13.0
0.515
-17.6
500
1.48
1.38
13.2
0.541
-17.9
600
1.69
1.42
13.1
0.553
-18.1
Model: AC545
Vcc=+15V
Icc=24.29
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.10
1.07
12.8
-17.4
20
1.09
1.06
12.7
-17.4
50
1.10
1.07
12.7
0.546
-17.5
100
1.09
1.12
12.6
0.475
-17.5
200
1.09
1.22
12.7
0.481
-17.7
300
1.12
1.30
12.7
0.473
-17.9
400
1.20
1.40
12.8
0.484
-18.1
500
1.33
1.48
13.0
0.511
-18.4
600
1.51
1.50
13.1
0.543
-18.7
Model: AC545
Vcc=+12V
Icc=19.16
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.05
1.04
12.7
-17.3
20
1.04
1.03
12.7
-17.3
50
1.06
1.04
12.7
0.559
-17.4
100
1.09
1.06
12.6
0.472
-17.4
200
1.17
1.11
12.6
0.488
-17.6
300
1.29
1.15
12.7
0.489
-17.8
400
1.44
1.19
12.8
0.507
-18.1
500
1.65
1.24
12.9
0.532
-18.4
600
1.91
1.29
12.7
0.564
-18.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com