Electronic Components Datasheet Search
  English  ▼

X  

AC552 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC552
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC552 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC552 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC552 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
F REQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature Vcc = 5
4.0
3.0
2.0
1.0
Noise Figure
KEY: +25 ° C
+85 ° C
-55 ° C
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point Vcc = 8
F REQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
60
50
40
30
20
10
Intercept Point Vcc = 5
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
200
300
400
500
600
24.0
23.0
22.0
21.0
20.0
16.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
+ 8 V
+5 V
+8 V
+5 V
AC552
Model: AC552
Vcc=+5V
Icc=16.18
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
2.87
4.14
20.43
-137
-33.7
10
1.93
2.13
21.59
-159
-31.1
20
1.61
1.61
22.13
-172
3.6
-30.2
30
1.50
1.44
22.37
-179
1.9
-29.8
40
1.44
1.36
22.49
176
1.4
-29.7
50
1.42
1.31
22.55
172
1.2
-29.5
100
1.39
1.23
22.60
154
0.97
-29.4
200
1.48
1.23
22.44
124
0.84
-29.7
300
1.55
1.24
22.32
95
0.79
-29.7
400
1.60
1.30
22.39
65
0.83
-30.0
500
1.63
1.72
22.48
31
0.95
-30.8
600
1.66
3.14
21.90
-9
1.1
-31.9
700
1.98
6.69
19.57
-50
1.1
-35.1
LINEAR S-PARAMETERS
Model: AC552
Vcc=+5V
Icc=16.18
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.48
-35.3
10.51
-137.1
0.021
36.1
0.61
144.5
10
0.32
-35.5
12.01
-159.4
0.028
18.2
0.36
129.3
20
0.23
-29.4
12.78
-172.3
0.031
9.9
0.23
121.5
30
0.20
-25.0
13.14
-179.0
0.032
4.0
0.18
115.6
40
0.18
-20.8
13.32
176.0
0.033
0.7
0.15
111.4
50
0.17
-17.4
13.41
171.7
0.033
-1.7
0.14
108.1
100
0.16
-5.6
13.49
154.2
0.034
-14.0
0.11
91.0
200
0.19
-1.9
13.25
123.8
0.033
-30.3
0.10
55.1
300
0.22
-11.1
13.06
95.2
0.033
-47.1
0.11
9.6
400
0.23
-28.4
13.17
65.3
0.032
-70.2
0.13
-59.1
500
0.24
-62.7
13.31
31.0
0.029
-100.4
0.27
-129.2
600
0.25
-124.2
12.45
-8.7
0.026
-136.6
0.52
177.3
700
0.33
167.4
9.52
-49.6
0.017
176.2
0.74
133.8
Model: AC552
Vcc=+8V
Icc=25.48
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
2.66
4.06
21.24
-138
-34.0
10
1.77
2.15
22.32
-160
-31.4
20
1.46
1.64
22.82
-173
3.5
-30.6
30
1.35
1.48
23.04
-179
1.8
-30.2
40
1.30
1.40
23.15
176
1.4
-30.1
50
1.27
1.36
23.21
172
1.2
-29.8
100
1.28
1.29
23.24
155
0.94
-30.0
200
1.45
1.30
23.02
126
0.81
-30.0
300
1.62
1.30
22.82
99
0.75
-29.9
400
1.76
1.29
22.84
71
0.77
-29.9
500
1.86
1.48
23.01
40
0.87
-30.2
600
1.76
2.41
22.79
3
1.0
-31.0
700
1.63
4.92
21.09
-37
1.1
-33.6
LINEAR S-PARAMETERS
Model: AC552
Vcc=+8V
Icc=25.48
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.45
-40.4
11.53
-138.2
0.020
33.8
0.60
146.0
10
0.28
-42.3
13.06
-160.0
0.027
17.8
0.36
133.3
20
0.19
-36.2
13.83
-172.6
0.029
11.1
0.24
128.1
30
0.15
-30.4
14.19
-179.1
0.031
5.5
0.19
124.4
40
0.13
-23.0
14.38
176.1
0.031
0.0
0.17
121.8
50
0.12
-15.9
14.47
171.9
0.032
-1.0
0.15
119.2
100
0.12
9.8
14.52
155.0
0.032
-11.9
0.13
104.3
200
0.18
18.5
14.16
125.8
0.032
-26.6
0.13
69.0
300
0.24
9.9
13.84
98.8
0.032
-41.1
0.13
30.1
400
0.28
-4.6
13.87
71.0
0.032
-62.0
0.12
-28.1
500
0.30
-30.0
14.15
39.8
0.031
-86.7
0.19
-109.8
600
0.28
-74.3
13.78
3.3
0.028
-121.0
0.41
-170.9
700
0.24
-146.2
11.33
-37.0
0.021
-162.3
0.66
142.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com