Electronic Components Datasheet Search
  English  ▼

X  

FT4232HQ Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT4232HQ
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232HQ Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT4232HQ Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232HQ Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Copyright © Future Technology Devices International Limited
1
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet
Version 2.4
Document No.: FT_000060 Clearance No.: FTDI#78
Future Technology
Devices International Ltd
FT4232H Quad High Speed
USB to Multipurpose
UART/MPSSE IC
The FT4232H is FTDI’s 5th generation of USB devices.
The FT4232H is a USB 2.0 High Speed (480Mb/s) to
UART/MPSSE ICs. The device features 4 UARTs. Two
of these have an option to independently configure
an MPSSE engine. This allows the FT4232H to
operate as two UART/Bit-Bang ports plus two MPSSE
engines used to emulate JTAG, SPI, I2C, Bit-bang or
other synchronous serial modes. The FT4232H has
the following advanced features:
Single chip USB to quad serial ports with a
variety of configurations.
Entire USB protocol handled on the chip. No USB
specific firmware programming required.
USB 2.0 High Speed (480Mbits/Second) and Full
Speed (12Mbits/Second) compatible.
Two Multi-Protocol Synchronous Serial Engine
(MPSSE) on channel A and channel B, to simplify
synchronous serial protocol (USB to JTAG, I2C,
SPI or bit-bang) design.
Independent Baud rate generators.
RS232/RS422/RS485 UART Transfer Data Rate
up to 12Mbaud. (RS232 Data Rate limited by
external level shifter).
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the requirement
for USB driver development in most cases.
Optional traffic TX/RX indicators can be added
with LEDs and an external 74HC595 shift
register.
Adjustable receive buffer timeout.
Support for USB suspend and resume conditions
via PWREN#, SUSPEND# and RI# pins.
Highly integrated design includes +1.8V LDO
regulator for VCORE, integrated POR function
and on chip clock multiplier PLL (12MHz –
480MHz).
FTDI FT232B style, asynchronous serial UART
interface option with full hardware handshaking
and modem interface signals.
Fully assisted hardware or X-On / X-Off software
handshaking.
UART Interface supports 7/8 bit data, 1/2 stop
bits, and Odd/Even/Mark/Space/No Parity.
Auto-transmit enable control for RS485 serial
applications using TXDEN pin.
Operational
configuration
mode
and
USB
Description strings configurable in external
EEPROM over the USB interface.
Low operating and USB suspend current.
Configurable I/O drive strength (4, 8, 12 or
16mA) and slew rate.
Supports bus powered, self-powered and high-
power bus powered USB configurations.
UHCI/OHCI/EHCI host controller compatible.
USB Bulk data transfer mode (512 byte packets
in High Speed mode).
Dedicated Windows DLLs available for USB to
JTAG, USB to SPI, and USB to I2C applications.
+1.8V (chip core) and +3.3V I/O interfacing
(+5V Tolerant).
Extended -40°C to 85°C industrial operating
temperature range.
Compact 64-LD Lead Free LQFP or QFN package
Available in compact Pb-free 56 Pin VQFN
packages (RoHS compliant)
+3.3V single supply operating voltage range.
ESD protection for FT4232H IO’s:
Human Body Model (HBM) ±2kV,
Machine Mode (MM) ±200V,
Charge Device Model (CDM) ±500V,
Latch-up free.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced in
any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are supplied
on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology Devices
International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your statutory rights
are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of
the product might reasonably be expected to result in personal injury. This document provides preliminary information that may be subject
to change without notice. No freedom to use patents or other intellectual property rights is implied by the publication of this document.
Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow, G41 1HH, United Kingdom.
Scotland Registered Number: SC136640


Similar Part No. - FT4232HQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT4232HQ FTDI-FT4232HQ Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ FTDI-FT4232HQ Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-4000 FTDI-FT4232HQ-4000 Datasheet
1Mb / 45P
QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-TRAY FTDI-FT4232HQ-TRAY Datasheet
1Mb / 45P
Quad High Speed USB to Multipurpose UART/MPSSE IC
More results

Similar Description - FT4232HQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART
FT4232H FTDI-FT4232H Datasheet
1Mb / 43P
QUAD HIGH SPEED USB TO MULTIPURPOSE UART
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT4232H FTDI-FT4232H_10 Datasheet
1Mb / 45P
QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HQ-TRAY FTDI-FT4232HQ-TRAY Datasheet
1Mb / 45P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com