Electronic Components Datasheet Search
  English  ▼

X  

SIRA18DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIRA18DP
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA18DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIRA18DP Datasheet HTML 1Page - Vishay Siliconix SIRA18DP Datasheet HTML 2Page - Vishay Siliconix SIRA18DP Datasheet HTML 3Page - Vishay Siliconix SIRA18DP Datasheet HTML 4Page - Vishay Siliconix SIRA18DP Datasheet HTML 5Page - Vishay Siliconix SIRA18DP Datasheet HTML 6Page - Vishay Siliconix SIRA18DP Datasheet HTML 7Page - Vishay Siliconix SIRA18DP Datasheet HTML 8Page - Vishay Siliconix SIRA18DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiRA18DP
www.vishay.com
Vishay Siliconix
S16-1782-Rev. D, 05-Sep-16
1
Document Number: 62574
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•DC/DC conversion
• Battery protection
• Load switching
• DC/AC inverters
Notes
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 70 °C/W.
PRODUCT SUMMARY
VDS (V)
30
RDS(on) max. () at VGS = 10 V
0.0075
RDS(on) max. () at VGS = 4.5 V
0.0120
Qg typ. (nC)
6.9
ID (A)
33
Configuration
Single
PowerPAK® SO-8 Single
Top View
1
6.15
mm
5.15
mm
Bottom View
4
G
3
S
2
S
1
S
D
8
D
6
D
7
D
5
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK SO-8
Lead (Pb)-free and halogen-free
SiRA18DP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+20, -16
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
33
A
TC = 70 °C
26.3
TA = 25 °C
15.5 b, c
TA = 70 °C
12.4 b, c
Pulsed Drain Current (t = 300 μs)
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
13.3
TA = 25 °C
3 b, c
Single Pulse Avalanche Current
L = 0.3 mH
IAS
8.2
Single Pulse Avalanche Energy
EAS
10
mJ
Maximum Power Dissipation
TC = 25 °C
PD
14.7
W
TC = 70 °C
9.4
TA = 25 °C
3.3 b, c
TA = 70 °C
2.1 b ,c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak Temperature) d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient b, f
t
 10 s
RthJA
30
37
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
78.5


Similar Part No. - SIRA18DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIRA18DP TFUNK-SIRA18DP Datasheet
386Kb / 13P
N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIRA18DP-T1-GE3 VISHAY-SIRA18DP-T1-GE3 Datasheet
382Kb / 13P
N-Channel 30 V (D-S) MOSFET
05-Sep-16
SIRA18DP VISHAY-SIRA18DP_V01 Datasheet
382Kb / 13P
N-Channel 30 V (D-S) MOSFET
05-Sep-16
More results

Similar Description - SIRA18DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com