Electronic Components Datasheet Search
  English  ▼

X  

RF2001T2D Datasheet(PDF) 1 Page - Rohm

Part # RF2001T2D
Description  Fast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2D Datasheet(HTML) 1 Page - Rohm

  RF2001T2D Datasheet HTML 1Page - Rohm RF2001T2D Datasheet HTML 2Page - Rohm RF2001T2D Datasheet HTML 3Page - Rohm RF2001T2D Datasheet HTML 4Page - Rohm RF2001T2D Datasheet HTML 5Page - Rohm RF2001T2D Datasheet HTML 6Page - Rohm RF2001T2D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Fast recovery diode
RF2001T2D
Applications
Dimensions (Unit : mm)
 Structure
General rectification
Features
1) Cathode common type.
(TO-220)
2) Ultra Low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
Absoslute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
0.87
0.93
V
IF=10A
Reverse current
IR
-
0.01
10
μA
VR=200V
Reverse recovery time
trr
-
20
30
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Forward voltage
Parameter
Limits
Reverse voltage (repetitive peak)
200
Reverse voltage (DC)
200
Average rectified forward current (*1)
20
Forward current surge peak (60Hz/1cyc)
100
Junction temperature
150
Storage temoerature
55 to 150
(*1)Business frequencies, Rating of R-load, Tc=113
C. 1/2 Io per diode
Conditions
Parameter
(1) (2) (3)
ROHM : TO220FN
①
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0±0.3
    0.1
2.8±0.2
    0.1
4.5±0.3
    0.1
0.7±0.1
0.05
2.6±0.5
①
1/3
2011.05 - Rev.D


Similar Part No. - RF2001T2D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2001T2D ROHM-RF2001T2D Datasheet
164Kb / 4P
Fast recovery diode
RF2001T2D ROHM-RF2001T2D Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
RF2001T2D ROHM-RF2001T2D Datasheet
303Kb / 4P
Fast recovery diode
RF2001T2D ROHM-RF2001T2D Datasheet
970Kb / 4P
Fast recovery diode
RF2001T2DFH ROHM-RF2001T2DFH Datasheet
763Kb / 7P
Fast recovery diode
More results

Similar Description - RF2001T2D

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com