Electronic Components Datasheet Search
  English  ▼

X  

AC652 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC652
Description  10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC652 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC652 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC652 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC652
FREQUENCY - MHz
5
10
50
100
200
300
400
500
600
700
5
10
50
100
200
300
400
500
600
700
5
10
50
100
200
300
400
500
600
700
5
10
50
100
200
300
400
500
600
700
Gain vs Temperature Vcc = 5
Noise Figure
KEY: + 25 ° C
+85 ° C
-55 ° C
20.0
19.0
18.0
17.0
16.0
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point
F REQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
4.0
3.0
2.0
1.0
0.0
13.0
12.0
11.0
10.0
9.0
2nd HAR
IP 3
IP 2
Model: AC652
Vcc=+5V
Icc=49.21
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
2.07
1.62
10.9
-150.7
-17.8
10
1.67
1.16
10.7
-167.8
-17.7
30
1.59
1.08
10.6
179.9
1.71
-17.5
50
1.59
1.09
10.4
175.9
0.55
-17.4
100
1.58
1.13
10.4
168.6
0.41
-17.5
150
1.58
1.17
10.4
162.1
0.36
-17.5
200
1.59
1.22
10.5
155.6
0.36
-17.5
250
1.58
1.27
10.6
149.2
0.36
-17.5
300
1.59
1.31
10.6
142.8
0.35
-17.5
350
1.59
1.34
10.7
136.4
0.36
-17.5
400
1.59
1.37
10.9
129.6
0.38
-17.5
450
1.58
1.39
11.0
122.8
0.38
-17.4
500
1.58
1.40
11.2
115.9
0.39
-17.4
550
1.57
1.40
11.3
108.5
0.41
-17.4
600
1.57
1.37
11.4
100.9
0.43
-17.3
650
1.58
1.34
11.6
92.8
0.45
-17.3
LINEAR S-PARAMETERS
Model: AC652
Vcc=+5V
Icc=49.21
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.35
-39.2
3.51
-150.7
0.13
163.7
0.24
78.4
10
0.25
-23.5
3.41
-167.8
0.13
174.2
0.07
84.6
30
0.23
-10.4
3.34
179.9
0.13
175.1
0.04
129.5
50
0.23
-9.4
3.31
175.9
0.13
172.8
0.04
127.4
100
0.23
-11.9
3.30
168.6
0.13
165.8
0.06
108.6
150
0.23
-15.8
3.31
162.1
0.13
159.1
0.08
93.0
200
0.23
-20.3
3.34
155.6
0.13
152.4
0.10
81.7
250
0.23
-25.6
3.37
149.2
0.13
145.8
0.12
72.5
300
0.23
-31.2
3.40
142.8
0.13
139.6
0.13
64.3
350
0.23
-37.9
3.44
136.4
0.13
132.5
0.15
56.5
400
0.23
-45.9
3.51
129.6
0.13
125.7
0.16
49.7
450
0.22
-54.0
3.56
122.8
0.13
118.9
0.16
42.6
500
0.22
-63.9
3.64
115.9
0.13
112.2
0.17
36.3
550
0.22
-74.6
3.73
108.5
0.13
105.0
0.17
29.5
600
0.22
-87.2
3.79
100.9
0.14
97.7
0.16
23.6
650
0.22
-101.4
3.87
92.8
0.14
90.5
0.14
18.1
700
0.23
-116.9
3.95
84.6
0.14
82.9
0.13
13.2
-120
-130
-140
-150
-160
-170
-180
Amplifier Phase Noise
10
100
1000
10000
100000
1000000
OFFSET FREQUENCY - Hz
-120
-
AC652
Noise Floor
Po=19.5 dBm / Freq.=500 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com