Electronic Components Datasheet Search
  English  ▼

X  

2N5663 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N5663
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5663 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N5663 Datasheet HTML 1Page - Microsemi Corporation 2N5663 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5660, 2N5661, 2N5662, 2N5663 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Collector-Emitter Cutoff Current
VCE = 200 Vdc
2N5660, 2N5662
VCE = 300 Vdc
2N5661, 2N5663
ICES
0.2
0.2
µAdc
µAdc
Collector-Base Cutoff Current
VCB = 200 Vdc
2N5660, 2N5662
VCB = 250 Vdc
2N5660, 2N5662
VCB = 300 Vdc
2N5661, 2N5663
VCB = 400 Vdc
2N5661, 2N5663
ICBO
0.1
1.0
0.1
1.0
µAdc
mAdc
µAdc
mAdc
ON CHARACTERISTICS
(5)
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 2.0 Vdc
2N5660, 2N5662
2N5661, 2N5663
IC = 0.5 Adc, VCE = 5.0 Vdc
2N5660, 2N5662
2N5661, 2N5663
IC = 1.0 Adc, VCE = 5.0 Vdc
All Types
IC = 2.0 Adc, VCE = 5.0 Vdc
All Types
hFE
40
25
40
25
15
5.0
120
75
Collector-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 2.0 Adc, IB = 0.4 Adc
VCE(sat)
0.4
0.8
Vdc
Base-Emitter Saturation Voltage
IC = 1.0 Adc, IB = 0.1 Adc
IC = 2.0 Adc, IB = 0.4 Adc
VBE(sat)
1.2
1.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 0.1 Adc, VCE = 5.0 Vdc, f = 10 MHz
h
fe
2.0
7.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
45
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 100 Vdc; IC = 0.5 Adc; IB1 = 15 Adc
2N5660, 2N5662
VCC = 100 Vdc; IC = 0.5 Adc; IB1 = 25 Adc
2N5661, 2N5663
ton
0.25
0.25
µs
Turn-Off Time
VCC = 100 Vdc; IC = 0.5 Adc; IB1 = -IB2 = 15 Adc 2N5660, 2N5662
VCC = 100 Vdc; IC = 0.5 Adc; IB1 = -IB2 = 25 Adc
2N5661, 2N5663
toff
0.85
1.2
µs
SAFE OPERATING AREA
DC Tests
TC = +100
0C, 1 Cycle, t
≥ 1.0 s
Test 1
VCE = 10 Vdc, IC = 2.0 Adc
2N5660, 2N5661
VCE = 7.5 Vdc, IC = 2.0 Adc
2N5662, 2N5663
Test 2
VCE = 40 Vdc, IC = 500 mAdc
2N5660, 2N5661
VCE = 25 Vdc, IC = 600 mAdc
2N5662, 2N5663
Test 3
VCE = 200 Vdc, IC = 36 mAdc
2N5660
VCE = 200 Vdc, IC = 27 mAdc
2N5662
Test 4
VCE = 300 Vdc, IC = 19 mAdc
2N5661
VCE = 300 Vdc, IC = 14 mAdc
2N5663
(5) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com