Electronic Components Datasheet Search
  English  ▼

X  

AC1012 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC1012
Description  0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1012 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC1012 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1012 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
1
10
30
50
100
400
600
800
1000
1200
Gain vs Temperature - AC1012
16.0
15.0
14.0
13.0
Gain vs Temperature - AC1015
16.5
16.0
15.5
15.0
4.0
3.5
3.0
2.5
Noise Figure
KEY: +25
°C
+85
°C
- 55
°C
10.0
9.0
8.0
7.0
6.0
Power Output at 1 dB Compression
50
40
30
20
10
Intercept Point
FREQUENCY - MHz
1
10
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
AC1012
AC1015
1
10
30
50
100
400
600
800
1000
1200
+12 V
+15 V
AC1012/AC1015
Model: AC1012
Vcc=+15V
Icc=24.87
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.35
1.49
16.2
-20.4
1
1.24
1.41
16.0
-20.5
10
1.23
1.39
16.0
0.989
-20.4
50
1.20
1.38
15.9
0.419
-20.5
100
1.20
1.37
15.8
0.388
-20.5
200
1.21
1.34
15.8
0.398
-20.6
300
1.22
1.30
15.8
0.389
-20.7
400
1.24
1.24
15.8
0.380
-20.8
500
1.25
1.18
15.8
0.407
-20.7
600
1.28
1.12
15.9
0.411
-20.7
700
1.30
1.06
15.9
0.412
-21.0
800
1.33
1.10
15.9
0.432
-21.0
900
1.36
1.21
15.8
0.445
-20.9
1000
1.41
1.36
15.8
0.457
-21.2
1100
1.42
1.52
15.6
0.448
-21.2
LINEAR S-PARAMETERS
Model: AC1012
Vcc=+15V
Icc=24.87
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0
0.15
-142.9
6.46
-173.2
0.095
-7.0
0.20
-149.2
1
0.11
-168.7
6.33
-178.4
0.094
-2.0
0.17
-170.5
10
0.10
177.8
6.27
178.5
0.095
-1.0
0.16
178.5
50
0.09
171.8
6.24
172.5
0.094
-3.0
0.16
171.3
100
0.09
169.5
6.20
165.4
0.094
-6.0
0.16
163.5
200
0.10
154.9
6.16
151.1
0.093
-12.0
0.15
148.1
300
0.10
143.7
6.18
137.2
0.092
-18.0
0.13
133.2
400
0.11
131.3
6.19
123.3
0.091
-24.0
0.11
117.7
500
0.11
122.1
6.17
108.8
0.092
-30.0
0.08
98.7
600
0.12
113.0
6.24
94.1
0.092
-35.0
0.06
72.7
700
0.13
101.4
6.21
79.3
0.089
-41.0
0.03
15.2
800
0.14
93.2
6.22
63.5
0.090
-47.0
0.05
-67.5
900
0.15
86.2
6.20
47.5
0.090
-54.0
0.09
-102.2
1000
0.17
76.7
6.13
31.2
0.087
-58.0
0.15
-123.5
1100
0.17
68.9
5.99
15.0
0.087
-64.0
0.21
-140.6
1200
0.19
58.4
5.79
-2.0
0.085
-70.0
0.26
-157.4
Model: AC1015
Vcc=+15V
Icc=24.34
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.23
1.33
15.3
-19.7
1
1.08
1.21
15.1
-19.9
10
1.05
1.20
15.0
1.062
-19.8
50
1.03
1.19
15.0
0.349
-19.8
100
1.05
1.19
14.9
0.316
-19.8
200
1.07
1.20
14.9
0.331
-20.0
300
1.11
1.21
14.9
0.323
-19.9
400
1.13
1.23
14.9
0.319
-20.1
500
1.18
1.26
14.9
0.329
-20.0
600
1.25
1.28
15.0
0.336
-20.0
700
1.33
1.31
14.9
0.338
-20.1
800
1.40
1.34
15.0
0.351
-20.3
900
1.50
1.37
14.9
0.363
-20.2
1000
1.62
1.42
14.9
0.360
-20.3
1100
1.73
1.48
14.8
0.363
-20.4
LINEAR S-PARAMETERS
Model: AC1015
Vcc=+15V
Icc=24.34
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0
0.10
-108.7
5.79
-171.6
0.103
-7.0
0.14
-127.3
1
0.04
-133.9
5.67
-178.0
0.102
-3.0
0.10
-159.5
10
0.02
-178.8
5.65
178.7
0.102
-1.0
0.09
178.1
50
0.02
-166.1
5.63
173.6
0.102
-3.0
0.09
165.9
100
0.02
-137.8
5.59
168.0
0.102
-5.0
0.09
154.0
200
0.03
-148.4
5.54
156.1
0.100
-10.0
0.09
129.6
300
0.05
-149.0
5.57
144.3
0.101
-14.0
0.10
106.9
400
0.06
-161.8
5.57
132.9
0.099
-19.0
0.10
87.1
500
0.08
-168.0
5.55
121.0
0.099
-24.0
0.11
66.8
600
0.11
179.3
5.62
108.9
0.100
-28.0
0.12
47.8
700
0.14
169.1
5.57
96.9
0.099
-32.0
0.13
28.7
800
0.17
159.0
5.60
84.1
0.096
-36.0
0.15
9.5
900
0.20
148.2
5.56
71.0
0.098
-42.0
0.16
-9.8
1000
0.24
138.0
5.57
58.2
0.097
-44.0
0.17
-29.6
1100
0.27
129.9
5.49
45.2
0.096
-49.0
0.19
-47.9
1200
0.30
120.1
5.35
31.9
0.095
-54.0
0.21
-66.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com