Electronic Components Datasheet Search
  English  ▼

X  

AC1069 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC1069
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1069 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC1069 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1069 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
10 TO 1000 MHz
TO-8 CASCADABLE AMPLIFIERS
Typical Values
AC1068
AC1069
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
24.5dB
24.5 dB
High Output Power . . . . . . . . . . . . . . . . . . . . . . .
+18.5 dBm
+21.5 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . .
+32.0 dBm
+34.0 dBm
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . .
3.7 dB
4.0 dB
High Performance Thin Film
Standard Size TO-8 Package
Available in Surface Mount
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-1200 MHz
10-1000 MHz
10-1000 MHz
Typical @ 25 °C
AC1068
AC1069
Second Order Harmonic Intercept Point . . . . .
+54 dBm
+51 dBm
Second Order Two Tone Intercept Point . . . . . .
+48 dBm
+45 dBm
Third Order Two Tone Intercept Point . . . . . . . .
+32 dBm
+34 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature AC1068/AC1069
. . . . . . . . . . . . . . . . +105 °C/+95 °C
Thermal Resistance1 (θjc; AC1068) . . . . . . . . . . . . . . . . . . .
+26 °C/Watt
Thermal Resistance1 (θjc; AC1069) . . . . . . . . . . . . . . . . . . .
+23 °C/Watt
Junction Temperature Rise Above Case (Tjc; AC1068) . . .
+40.8 °C
Junction Temperature Rise Above Case (Tjc; AC1069) . . .
+46.0 °C
1. Thermal resistance is based on total power dissipation.
Small Signal Gain (Min.)
AC1068/AC1069
24.5 dB
23.5 dB
22.5 dB
Gain Flatness (Max.)
< ±0.25 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
AC1068
3.7 dB
5.0 dB
5.5 dB
AC1069
4.0 dB
5.5 dB
6.0 dB
SWR (Max.)
Input/Output
< 1.5:1
1.7:1
1.8:1
Power Output (Min.)
@ 1dB comp.
AC1068
+18.5 dBm
+17.5 dBm
+17.0 dBm
AC1069
+21.5 dBm
+20.0 dBm
+19.5 dBm
Reverse Isolation
34.0 dB
——
DC Current (Max.)
AC1068
97.0 mA
103.0 mA
110.0 mA
AC1069
129.0 mA
135.0 mA
140.0 mA
AC1068
AC1069
AS1068/AS1069
AC1068/AC1069


Similar Part No. - AC1069

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1060 TALEMA-AC1060 Datasheet
62Kb / 1P
60 Amp Current Transformer
logo
Bourns Electronic Solut...
AC1060R BOURNS-AC1060R Datasheet
675Kb / 4P
AC1060R Series – Air Coil Inductors
03/25
AC1060R-90N_ BOURNS-AC1060R-90N_ Datasheet
675Kb / 4P
AC1060R Series – Air Coil Inductors
03/25
AC1060R-R11_ BOURNS-AC1060R-R11_ Datasheet
675Kb / 4P
AC1060R Series – Air Coil Inductors
03/25
AC1060R-R13_ BOURNS-AC1060R-R13_ Datasheet
675Kb / 4P
AC1060R Series – Air Coil Inductors
03/25
More results

Similar Description - AC1069

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC1035 TELEDYNE-AC1035 Datasheet
133Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1015 TELEDYNE-AC1015 Datasheet
178Kb / 2P
0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1018 TELEDYNE-AC1018 Datasheet
161Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1019 TELEDYNE-AC1019 Datasheet
163Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1063 TELEDYNE-AC1063 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1066 TELEDYNE-AC1066 Datasheet
161Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1068 TELEDYNE-AC1068 Datasheet
181Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1082 TELEDYNE-AC1082 Datasheet
161Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com