Electronic Components Datasheet Search
  English  ▼

X  

1082399 Datasheet(PDF) 7 Page - SICK AG

Part # 1082399
Description  IMAGE-BASED CODE READERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082399 Datasheet(HTML) 7 Page - SICK AG

  1082399 Datasheet HTML 1Page - SICK AG 1082399 Datasheet HTML 2Page - SICK AG 1082399 Datasheet HTML 3Page - SICK AG 1082399 Datasheet HTML 4Page - SICK AG 1082399 Datasheet HTML 5Page - SICK AG 1082399 Datasheet HTML 6Page - SICK AG 1082399 Datasheet HTML 7Page - SICK AG 1082399 Datasheet HTML 8Page - SICK AG 1082399 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
V2D642D-MCXXA6 Flex OCR DPM | Lector64x
IMAGE-BASED CODE READERS
0
235 x 160
(9.25 x 6.30)
470 x 320
(18.50 x 12.60)
545 x 370
(21.46 x 14.57)
625 x 425
(24.61 x 16.73)
780 x 530
(30.71 x 20.87)
700 x 475
(27.56 x 18.70)
155 x 105
(6.10 x 4.13)
310 x 210
(12.20 x 8.27)
390 x 265
(15.35 x 10.43)
80 x 55
(3.15 x 2.17)
0
200
(7.87)
400
(15.75)
600
(23.62)
800
(31.50)
1000
(39.37)
1200
(47.24)
1400
(55.12)
1600
(62.99)
1800
(70.87)
2000
(78.74)
2200
(86.61)
Working distance/focus position in mm (inch)
Field of view in mm² (sq inch)
a: f = 12 mm
b: f = 16 mm
c: f = 25 mm
d: f = 35 mm
e: f = 50 mm
f: f = 75 mm
a
b
c
d
e
f
Min. resolution in mm (mil)
1D code
2D code
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
0.6
(23.6)
0.7
(27.6)
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
0.6
(23.6)
0.7
(27.6)
0.8
(31.5)
0.9
(35.4)
Recommended accessories
Other models and accessories
www.sick.com/Lector64x
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket with screws including skew angle display
Mounting bracket
2069169
Modules
Connection device basic for connecting one sensor with 2 A fuse, 5 cable glands and
RS-232 interface to sensor via M12, 17-pin female connector, all outputs available on
screw/spring-loaded terminals.
CDB650-204
1064114
Plug connectors and cables
Head A: female connector, M12, 17-pin, straight, A-coded
Head B: male connector, M12, 17-pin, straight, A-coded
Cable: Power, serial, CAN, digital I/Os, suitable for 2 A, drag chain use, shielded, 3 m
Connection cable
(male connector -
female connector)
6051194
Head A: male connector, M12, 8-pin, straight, X-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Gigabit Ethernet, shielded, 2 m
Connection ca-
ble (male connec-
tor-male connector)
6049728
Head A: male connector, M8, 4-pin, straight
Head B: male connector, USB-A, 4-pin, straight
Cable: USB 2.0, unshielded, 2 m
Connection ca-
ble (male connec-
tor-male connector)
6051164
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com