Electronic Components Datasheet Search
  English  ▼

X  

BR02 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR02
Description  1.0A 2.0kV -High Voltage Medium and High Current Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR02 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR02 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD BR02 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BR02
1.0A 2.0kV -High Voltage Medium and High Current Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
2.0
kV
Average Output Current
IF
Ta=55°C; Resistive Load
1000
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz) ; 8.3mS
40
A
Junction Temperature
TJ
-40~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
2.4
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
5.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-590
FEATURES:
1. High reliability design.
2. High voltage design.
3. Low frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. High current and high voltage circuit.
3. General purpose high voltage rectifier.
4. Other .
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 1.2 grams (approx).


Similar Part No. - BR02

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
BR02 SYNSEMI-BR02 Datasheet
395Kb / 2P
Glass Passivated Single-Phase Bridge Recitifiers
logo
Yangzhou yangjie electr...
BR02 YANGJIE-BR02 Datasheet
93Kb / 2P
Bridge Rectifier
logo
GETAI ELECTRONICS DEVIC...
BR02 GETEDZ-BR02 Datasheet
506Kb / 2P
High Voltage Medium and High Current Diodes
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
logo
List of Unclassifed Man...
BR02S1906TE ETC2-BR02S1906TE Datasheet
476Kb / 3P
LED Backlights
More results

Similar Description - BR02

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2 GETEDZ-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR2F GETEDZ-BR2F Datasheet
68Kb / 1P
2.0kV 1.0A HIGH VOLTAGE DIODES
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR2F GETEDZ-BR2F_17 Datasheet
526Kb / 2P
900mA 2.0kV 100nS -High Voltage Medium and High Current Diodes
HVRM2 GETEDZ-HVRM2_17 Datasheet
520Kb / 2P
3.5A 2.0kV -High Voltage High Current Diodes
HVRW2 GETEDZ-HVRW2_17 Datasheet
530Kb / 2P
1.5A 2.0kV 150nS -High Voltage High Current Diodes
BR2F GETEDZ-BR2F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR4F GETEDZ-BR4F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR10F GETEDZ-BR10F_1 Datasheet
516Kb / 2P
High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF_17 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com