Electronic Components Datasheet Search
  English  ▼

X  

2SC5628 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC5628
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5628 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC5628 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5628 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SC5628
Silicon NPN Epitaxial
High Frequency Amplifier / Oscillator
ADE-208-979A (Z)
2nd. Edition
April 2001
Features
• Super compact package;
(1.4
× 0.8 × 0.59mm)
• High power gain and low noise figure;
(PG = 9 dB, NF = 1.1 dB typ, at f = 900 Mhz, V
CE = 1 V)
Outline
MFPAK
1. Emitter
2. Base
3. Collector
1
3
2
Note: Marking is “XZ-”.


Similar Part No. - 2SC5628

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5628 RENESAS-2SC5628 Datasheet
217Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628XZ-TL-E RENESAS-2SC5628XZ-TL-E Datasheet
217Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
More results

Similar Description - 2SC5628

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
Silicon NPN Epitaxial High Frequency Amplifier
2SC3652 HITACHI-2SC3652 Datasheet
342Kb / 3P
SILICON NPN EPITAXIAL HIGH FREQUENCY AMPLIFIER
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5894 RENESAS-2SC5894 Datasheet
129Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5975 RENESAS-2SC5975 Datasheet
238Kb / 18P
SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5628 RENESAS-2SC5628 Datasheet
217Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com