Electronic Components Datasheet Search
  English  ▼

X  

MLX90365 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90365
Description  Triaxis짰 Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90365 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90365 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
MLX90365
Triaxis® Position Sensor IC
MLX90365
Page 19 of 35
Datasheet
Rev. 5.7
Jan. 22, 16
14.2.3. Discontinuity Point (or Zero Degree Point)
The Discontinuity Point defines the 0°point on the circle. The discontinuity point places the origin at any
location of the trigonometric circle. The DP is used as reference for all the angular measurements.
Figure 8 - Discontinuity Point Positioning
14.2.4. 4-Pts LNR Parameters
The LNR parameters, together with the clamping values, fully define the relation (the transfer function)
between the digital angle and the output signal.
The shape of the MLX90365 transfer function from the digital angle value to the output voltage is
described by the drawing below. Six segments can be programmed but the clamping levels are
necessarily flat.
Two, three, or even six calibration points are then available, reducing the overall non-linearity of the IC by
almost an order of magnitude each time. Three to six calibration points will be preferred by customers
looking for excellent non-linearity figures. Two-point calibrations will be preferred by customers looking for
a cheaper calibration set-up and shorter calibration time.
Figure 9
0°
360°
The placement of the discontinuity
point (0 point) is programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com