Electronic Components Datasheet Search
  English  ▼

X  

15CTQ Datasheet(PDF) 2 Page - International Rectifier

Part # 15CTQ
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15CTQ Datasheet(HTML) 2 Page - International Rectifier

  15CTQ Datasheet HTML 1Page - International Rectifier 15CTQ Datasheet HTML 2Page - International Rectifier 15CTQ Datasheet HTML 3Page - International Rectifier 15CTQ Datasheet HTML 4Page - International Rectifier 15CTQ Datasheet HTML 5Page - International Rectifier 15CTQ Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15CTQ... Series
2
Bulletin PD-20240 09/00
www.irf.com
T
J
Max.JunctionTemperatureRange
-55 to 150
°C
Tstg
Max.StorageTemperatureRange
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
3.50
°C/W DCoperation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.75
°C/W DCoperation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.50
°C/W Mounting surface , smooth and greased
to Heatsink
wt
ApproximateWeight
2 (0.07)
g (oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.55
V
@ 7.5A
(Per Leg) * See Fig. 1
(1)
0.70
V
@ 15A
0.51
V
@ 7.5A
0.65
V
@ 15A
I
RM
Max. Reverse Leakage Current
0.8
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
32
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
400
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R = rated VR
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
Parameters
15CTQ Units
Conditions
I
F(AV) Max. Average Forward Current
15
A
50% duty cycle @ T
C = 123°C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
810
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
145
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
10
mJ
T
J = 25 °C, IAS = 1.20 Amps, L = 11.10 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
1.5
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
A
Part number
15CTQ035
15CTQ040
15CTQ045
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
35
40
45
Parameters
15CTQ Units
Conditions
Parameters
15CTQ Units
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com