Electronic Components Datasheet Search
  English  ▼

X  

J405 Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # J405
Description  PulseJack 2xN GIGABIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J405 Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  J405 Datasheet HTML 1Page - Pulse A Technitrol Company J405 Datasheet HTML 2Page - Pulse A Technitrol Company J405 Datasheet HTML 3Page - Pulse A Technitrol Company J405 Datasheet HTML 4Page - Pulse A Technitrol Company J405 Datasheet HTML 5Page - Pulse A Technitrol Company J405 Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
pulseelectronics.com
PulseJack®
2xN Gigabit
J405.G (09/14)
For More Information
2XN Gigabit Application Note
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.
US Patent #7241181
These Integrated Connector Modules are specifically
designed for the implementation of a 10Base-T, 100Base-
TX and 1000Base-TX transmission over data-grade
unshielded twisted pair cable (UTP-3, 5-5e and 6).
The connectors category provide excellent EMI filtering
and are suitable for Embedded Systems and Multiport
Applications. Pulse has worked closely with the leading IC
manufacturers in providing these 10/100/1000 solutions,
thereby assuring comptability with each transceiver.
JC0 series meet the stringent open circuit inductance
requirements imposed by IEEE. When an 8mA DC
current is applied across the transformer windings, the
transformer will provide at least 350 µH of open circuit
inductance. The transformers used in each module also
provide 2250Vdc minimum isolation, wide band width
with minimal attenuation and fast rise times to minimize
system level jitter.
Notes:
1. For maximum EMI suppression (electromagnetic interference) place the
3. Connections between 10/100/1000 IC and the connector should be direct
decoupling capacitors adjacent to Vcc and 50
Ω connections.
(ideally no change in direction) and of minimum length.
2. Connections to ground should be as short as possible.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com