Electronic Components Datasheet Search
  English  ▼

X  

AC2005 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC2005
Description  TO-8 CASCADABLE AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC2005 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC2005 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC2005 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC2005/AC2006
6.0
5.0
4.0
3.0
Noise Figure
K EY: + 25
°C
+85
°C
- 55
°C
12.0
11.0
10.0
9.0
8.0
7.0
Power Output at 1 dB Compression
60
50
40
30
20
Intercept Point - AC2005
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
10
30
100
200
400
800
1200
1600
2000
2400
1
10
100
200
400
800
1200
1600
2000
2400
1
10
100
200
400
800
1200
1600
2000
2400
Gain vs Temperature Vcc=15
FREQUENCY - MHz
1
10
100
200
400
800
1200
1600
2000
2400
12.0
11.0
10.0
9.0
2nd HAR
IP 3
IP 2
60
50
40
30
20
Intercept Point - AC2006
FREQUENCY - MHz
1
10
100
200
400
800
1200
1600
2000
2400
2nd HAR
IP 3
IP 2
AC2006
A C2005
AC2006/12 v, AC2005/15v
AC2005/12 v
AC2006/15 v
Model: AC2005
Vcc= +15V
Icc= 23.09
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.24
1.22
11.0
-16.5
1
1.16
1.08
10.9
-16.7
10
1.15
1.04
10.8
0.937
-16.7
50
1.16
1.05
10.8
0.367
-16.8
200
1.19
1.11
10.7
0.337
-16.8
400
1.28
1.21
10.6
0.333
-17.1
600
1.39
1.31
10.7
0.327
-17.3
800
1.51
1.36
10.8
0.336
-17.4
1000
1.61
1.38
10.8
0.340
-17.6
1200
1.71
1.39
10.9
0.350
-17.6
1400
1.76
1.40
11.1
0.360
-17.5
1600
1.71
1.32
11.2
0.379
-17.1
1800
1.61
1.22
11.2
0419
-16.4
2000
1.53
1.43
10.8
0.441
-15.8
LINEAR S-PARAMETERS
Model: AC2005
Vcc= +15V
Icc= 23.09
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
.3
0.11
-49.0
3.54
-171.5
0.149
-6.0
0.10
-94.5
1
0.07
-18.6
3.52
-177.8
0.147
-2.0
0.04
-118.2
10
0.07
-3.8
3.48
178.8
0.146
-1.0
0.02
174.4
50
0.08
-16.9
3.46
173.8
0.145
-4.0
0.02
137.2
200
0.09
-57.9
3.44
155.8
0.145
-14.0
0.05
82.4
400
0.12
-94.7
3.39
131.2
0.140
-28.0
0.09
44.4
600
0.16
-128.5
3.43
108.0
0.137
-41.0
0.13
17.6
800
0.20
-154.7
3.45
83.5
0.135
-53.0
0.15
-10.9
1000
0.23
-179.5
3.47
59.2
0.132
-66.0
0.16
-41.0
1200
0.26
152.9
3.52
34.1
0.131
-78.0
0.16
-75.8
1400
0.28
129.6
3.57
8.1
0.134
-91.0
0.17
-113.6
1600
0.26
99.6
3.62
-19.0
0.140
-103.0
0.14
-152.8
1800
0.23
59.5
3.62
-49.3
0.151
-118.0
0.10
132.8
2000
0.21
3.8
3.48
-81.2
0.163
-136.0
0.18
47.1
2200
0.24
-52.8
3.16
-114.8
0.167
-159.0
0.33
-2.0
Model: AC2006
Vcc= +15V
Icc= 33.66
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.3
1.27
1.27
10.9
-16.8
1
1.15
1.12
10.8
-17.0
10
1.15
1.10
10.7
1.178
-17.1
50
1.15
1.10
10.7
0.377
-17.1
200
1.23
1.16
10.6
0.361
-17.2
400
1.38
1.27
10.5
0.358
-17.5
600
1.54
1.39
10.4
0.342
-17.8
800
1.70
1.44
10.4
0.353
-17.9
1000
1.83
1.45
10.3
0.349
-18.1
1200
1.88
1.41
10.5
0.358
-18.1
1400
1.79
1.37
10.7
0.372
-17.8
1600
1.57
1.21
10.9
0.405
-17.1
1800
1.40
1.11
11.0
0466
-16.3
2000
1.68
1.60
10.6
0.503
-15.7
LINEAR S-PARAMETERS
Model: AC2006
Vcc= +15V
Icc= 33.66
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
.3
0.12
-54.5
3.51
-169.5
0.145
-7.0
0.12
-104.9
1
0.07
-23.7
3.47
-177.4
0.141
-3.0
0.06
-137.2
10
0.07
-6.0
3.44
178.9
0.140
-1.0
0.05
178.2
50
0.07
-24.4
3.43
173.4
0.139
-4.0
0.05
155.1
200
0.10
-70.5
3.39
154.0
0.138
-16.0
0.07
101.0
400
0.16
-107.4
3.33
128.3
0.134
-30.0
0.12
56.1
600
0.21
-138.7
3.32
103.5
0.129
-44.0
0.16
27.2
800
0.26
-162.3
3.30
78.2
0.127
-58.0
0.18
-1.1
1000
0.29
173.3
3.29
53.1
0.125
-71.0
0.18
-29.3
1200
0.31
146.9
3.34
27.3
0.125
-84.0
0.17
-61.9
1400
0.28
122.9
3.41
0.4
0.129
-97.0
0.16
-97.4
1600
0.22
86.7
3.50
-28.7
0.139
-112.0
0.09
-133.1
1800
0.17
17.1
3.55
-62.0
0.154
-131.0
0.05
74.4
2000
0.25
-70.6
3.39
-98.5
0.164
-154.0
0.23
11.9
2200
0.42
-120.8
2.87
-136.5
0.159
178.0
0.42
-26.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com