Electronic Components Datasheet Search
  English  ▼

X  

74HC4052D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 74HC4052D
Description  Dual 4-channel analog multiplexer, demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 74HC4052D Datasheet HTML 14Page - NXP Semiconductors 74HC4052D Datasheet HTML 15Page - NXP Semiconductors 74HC4052D Datasheet HTML 16Page - NXP Semiconductors 74HC4052D Datasheet HTML 17Page - NXP Semiconductors 74HC4052D Datasheet HTML 18Page - NXP Semiconductors 74HC4052D Datasheet HTML 19Page - NXP Semiconductors 74HC4052D Datasheet HTML 20Page - NXP Semiconductors 74HC4052D Datasheet HTML 21Page - NXP Semiconductors 74HC4052D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
2004 Nov 11
18
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
handbook, full pagewidth
DUT
MNB055
2RL
2RL
2RL
2RL
nZ/nYn
nYn/nZ
CL
oscilloscope
VCC
VCC
GND
VEE
V(p
−p)
Sn or E
Fig.17 Test circuit for measuring crosstalk between control and any switch.
The crosstalk is defined as follows
(oscilloscope output):
handbook, full pagewidth
5
0
−5
0
0
0
0
0 5
0
Fig.18 Typical frequency response.
Test conditions: VCC = 4.5 V; GND = 0 V; VEE = −4.5 V; RL =50 Ω; Rsource =1kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com