Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G11 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G11
Description  Single 3-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G11 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G11 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
9397 750 14209
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 30 November 2004
6 of 14
Philips Semiconductors
74LVC1G11
Single 3-input AND gate
[1]
All typical values are measured at Tamb = 25 °C.
ICC
quiescent supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
0.1
10
µA
∆ICC
additional quiescent
supply current per pin
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
5
500
µA
CI
input capacitance
-
4
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage VCC = 1.65 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× VCC V
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1
-
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 100 µA; VCC = 1.65 V to 5.5 V
-
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
-
0.80
V
ILI
input leakage current
VI = 5.5 V or GND; VCC = 5.5 V
-
-
±100
µA
Ioff
power-off leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
-
±200
µA
ICC
quiescent supply current VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
200
µA
∆ICC
additional quiescent
supply current per pin
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
-
5000
µA
Table 8:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com