Electronic Components Datasheet Search
  English  ▼

X  

74HC4052DB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC4052DB
Description  Dual 4-channel analog multiplexer, demultiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052DB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC4052DB Datasheet HTML 15Page - NXP Semiconductors 74HC4052DB Datasheet HTML 16Page - NXP Semiconductors 74HC4052DB Datasheet HTML 17Page - NXP Semiconductors 74HC4052DB Datasheet HTML 18Page - NXP Semiconductors 74HC4052DB Datasheet HTML 19Page - NXP Semiconductors 74HC4052DB Datasheet HTML 20Page - NXP Semiconductors 74HC4052DB Datasheet HTML 21Page - NXP Semiconductors 74HC4052DB Datasheet HTML 22Page - NXP Semiconductors 74HC4052DB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
2004 Nov 11
19
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
AC WAVEFORMS
handbook, halfpage
MNB056
tPLH
tPHL
50%
50%
Vis input
Vos output
GND
VI
VOH
VOL
Fig.19 Waveforms showing the input (Vis) to output (Vos) propagation delays.
handbook, full pagewidth
MNB057
tPLZ
tr
tf
tPHZ
switch
OFF
switch
ON
switch
ON
Vos output
Vos output
E, Sn input
VM
10%
90%
90%
10%
tPZL
tPZH
50%
50%
Fig.20 Waveforms showing the turn-on and turn-off times.
For 74HC4052: VM = 50 %; VI = GND to VCC.
For 74HCT4052: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com