Electronic Components Datasheet Search
  English  ▼

X  

AC4045 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC4045
Description  800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC4045 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC4045 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC4045 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Gain vs Temperature Vcc = 15
21.0
20.0
19.0
18.0
17.0
16.0
Noise Figure Vcc = 15 & 12
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
5.0
4.0
3.0
2.0
F REQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
F REQUENCY - GHz
22.0
20.0
18.0
16.0
14.0
12.0
10.0
FREQUENCY - GHz
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
10
+15 V
+12 V
AC4045
MODEL: AC4045
Vcc = +15V
Icc = 120.76 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
750
1.51
1.43
18.5
0.497
-39.2
800
1.45
1.37
18.6
0.497
-39.2
1000
1.32
1.24
18.9
0.445
-39.4
1250
1.26
1.19
19.1
0.396
-40.3
1500
1.27
1.20
19.2
0.369
-41.9
1750
1.32
1.23
19.1
0.356
-43.0
2000
1.34
1.23
18.9
0.333
-44.8
2250
1.39
1.18
18.7
0.321
-44.4
2500
1.41
1.12
18.6
0.312
-42.8
2750
1.40
1.05
18.6
0.309
-41.3
3000
1.37
1.02
18.7
0.312
-39.8
3250
1.32
1.07
18.9
0.327
-38.7
3500
1.30
1.11
18.8
0.338
-37.9
3750
1.32
1.12
18.9
0.322
-37.4
4000
1.32
1.15
19.2
0.364
-37.5
4250
1.37
1.27
19.2
0.408
-38.0
LINEAR S-PARAMETERS
MODEL: AC4045
Vcc = +15V
Icc = 120.76 mA
FREQ.
S11
S21
S12
S22
MHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
750
0.20
-107.0
8.38
-12.3
0.011
18
0.18
87.4
800
0.18
-108.6
8.53
-20.6
0.011
13
0.15
87.7
1000
0.14
-111.4
8.80
-49.7
0.011
-2
0.11
93.4
1250
0.12
-111.9
9.05
-81.7
0.010
-20
0.09
111.6
1500
0.12
-115.4
9.12
-111.4
0.008
-39
0.09
121.1
1750
0.14
-126.2
9.06
-139.8
0.007
-66
0.10
121.1
2000
0.15
-137.1
8.77
-166.2
0.006
-99
0.10
110.8
2250
0.16
-145.8
8.58
168.5
0.006
-128
0.08
105.8
2500
0.17
-156.3
8.53
144.0
0.007
-152
0.06
101.6
2750
0.17
-167.2
8.52
119.8
0.009
-168
0.02
96.5
3000
0.15
-179.0
8.62
95.3
0.010
-179
0.01
-170.0
3250
0.14
169.2
8.79
69.5
0.012
174
0.03
-150.5
3500
0.13
155.2
8.73
42.6
0.013
168
0.05
-174.4
3750
0.14
132.9
8.79
17.2
0.013
162
0.06
155.7
4000
0.14
109.1
9.17
-12.0
0.013
159
0.07
116.7
4250
0.16
88.6
9.08
-45.0
0.013
155
0.12
75.6
MODEL: AC4045
Vcc = +12V
Icc = 113.84 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
750
1.51
1.45
18.4
0.481
-40.7
800
1.45
1.42
18.6
0.481
-40.7
1000
1.31
1.36
18.9
0.430
-40.7
1250
1.25
1.39
19.1
0.388
-41.5
1500
1.24
1.46
19.2
0.365
-42.8
1750
1.29
1.53
19.2
0.353
-44.3
2000
1.31
1.54
18.9
0.332
-47.2
2250
1.36
1.51
18.7
0.318
-48.3
2500
1.38
1.44
18.7
0.316
-46.9
2750
1.37
1.36
18.8
0.315
-44.6
3000
1.34
1.30
18.7
0.310
-42.3
3250
1.31
1.27
18.7
0.321
-40.2
3500
1.30
1.26
18.6
0.316
-38.7
3750
1.29
1.30
18.8
0.323
-37.8
4000
1.26
1.34
19.0
0.375
-37.3
4250
1.27
1.40
18.7
0.392
-37.2
Amplifier Phase Noise
-120
-130
-140
-150
-160
-170
-180
OFFSET FREQUENCY - Hz
10
100
1000
10000
100000
1000000
AC4045
Noise Floor
Po=20.5 dBm / Freq.=3800 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com