Electronic Components Datasheet Search
  English  ▼

X  

AC4064 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC4064
Description  800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC4064 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC4064 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC4064 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Gain vs Temperature Vcc = 15
22.0
21.0
20.0
19.0
18.0
17.0
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 15
5.0
4.0
3.0
2.0
F REQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
60
50
40
30
20
10
FREQUENCY - GHz
17.0
16.0
15.0
14.0
13.0
12.0
11.0
FREQUENCY - GHz
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Intercept Point Vcc = 12
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
10
+15 V
+12 V
AC4064
MODEL: AC4064
Vcc = +15V
Icc = 71.29 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
750
1.59
1.30
19.7
0.503
-39.2
800
1.56
1.28
19.8
0.503
-39.1
1000
1.50
1.29
20.1
0.455
39.2
1250
1.51
1.38
20.3
0.403
-39.9
1500
1.53
1.46
20.4
0.377
-40.9
1750
1.56
1.53
20.4
0.364
-42.0
2000
1.54
1.54
20.1
0.343
-44.3
2250
1.55
1.48
20.0
0.325
-44.8
2500
1.55
1.38
20.0
0.323
-44.4
2750
1.56
1.30
20.1
0.323
-42.8
3000
1.55
1.26
20.2
0.322
-40.7
3250
1.55
1.24
20.2
0.333
-38.4
3500
1.53
1.31
20.3
0.339
-36.3
3750
1.47
1.51
20.6
0.349
-35.5
4000
1.41
1.67
20.4
0.402
-35.1
4250
1.48
1.72
19.8
0.410
-34.6
LINEAR S-PARAMETERS
MODEL: AC4064
Vcc = +15V
Icc = 71.29 mA
FREQ.
S11
S21
S12
S22
MHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
750
0.23
-78.7
9.67
-11.7
0.011
21
0.13
120.8
800
0.22
-78.8
9.79
-20.0
0.011
18
0.12
126.8
1000
0.20
-80.9
10.13
-49.9
0.011
6
0.13
145.9
1250
0.20
-87.8
10.38
-82.5
0.010
-7
0.16
150.9
1500
0.21
-98.5
10.53
-112.8
0.009
-20
0.19
144.7
1750
0.22
-113.3
10.50
-141.9
0.008
-38
0.21
134.2
2000
0.21
-125.8
10.14
-169.1
0.006
-57
0.21
119.2
2250
0.22
-137.7
9.94
165.3
0.006
-78
0.19
107.0
2500
0.22
-149.5
10.02
139.8
0.006
-102
0.16
91.0
2750
0.22
-161.8
10.14
114.4
0.007
-121
0.13
67.4
3000
0.22
-174.6
10.20
88.9
0.009
-136
0.11
39.9
3250
0.21
170.1
10.25
62.3
0.012
-148
0.11
13.4
3500
0.21
153.5
10.33
35.5
0.015
-160
0.13
-1.9
3750
0.19
131.1
10.66
7.7
0.017
-173
0.20
-24.2
4000
0.17
109.0
10.46
-24.9
0.018
-178
0.25
-49.0
4250
0.19
87.5
9.78
-58.2
0.019
178
0.26
-64.4
MODEL: AC4064
Vcc = +12V
Icc = 63.34 mA
FREQ.
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
750
1.58
1.36
-40.2
0.491
-40.2
800
1.55
1.35
-40.1
0.491
-40.1
1000
1.49
1.39
-40.0
0.450
-40.0
1250
1.49
1.51
-40.4
0.401
-40.4
1500
1.50
1.63
-41.1
0.376
-41.1
1750
1.53
1.74
-42.0
0.366
-42.0
2000
1.52
1.78
-43.6
0.344
-43.6
2250
1.53
1.74
-44.2
0.326
-44.2
2500
1.54
1.65
-44.0
0.327
-44.0
2750
1.56
1.57
-42.5
0.330
-42.5
3000
1.57
1.54
-40.4
0.325
-40.4
3250
1.57
1.54
-37.7
0.335
-37.7
3500
1.54
1.66
-35.6
0.335
-35.6
3750
1.45
1.93
-34.9
0.351
-34.9
4000
1.37
2.12
-34.4
0.395
-34.4
4250
1.37
2.17
-33.7
0.388
-33.7
LINEAR S-PARAMETERS
MODEL: AC4064
Vcc = +12V
Icc = 63.34 mA
FREQ.
S11
S21
S12
S22
MHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
750
0.23
-81.5
10.04
-13.6
0.010
24
0.15
134.8
800
0.22
-82.0
10.17
-21.7
0.010
22
0.15
139.5
1000
0.20
-85.1
10.53
-51.2
0.010
12
0.16
152.4
1250
0.20
-92.0
10.82
-83.7
0.010
2
0.20
153.9
1500
0.20
-102.7
11.00
-114.0
0.009
-8
0.24
146.4
1750
0.21
-117.6
10.97
-143.4
0.009
-23
0.27
135.0
2000
0.21
-130.3
10.54
-170.8
0.007
-35
0.28
119.8
2250
0.21
-142.3
10.29
163.5
0.006
-52
0.27
106.4
2500
0.21
-154.9
10.41
137.6
0.006
-74
0.25
90.0
2750
0.22
-168.0
10.57
111.5
0.007
-95
0.22
68.7
3000
0.22
177.7
10.51
85.8
0.010
-114
0.21
45.9
3250
0.22
161.0
10.32
59.3
0.013
-130
0.21
23.5
3500
0.21
139.6
10.33
32.7
0.017
-147
0.25
3.8
3750
0.18
112.0
10.43
4.7
0.018
-161
0.32
-20.7
4000
0.15
84.3
9.87
-27.3
0.019
-168
0.36
-45.1
4250
0.15
65.0
9.08
-58.6
0.021
-171
0.37
-62.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com