Electronic Components Datasheet Search
  English  ▼

X  

NP30MA0502F Datasheet(PDF) 5 Page - AVX Corporation

Part # NP30MA0502F
Description  NTC Accurate Thermistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NP30MA0502F Datasheet(HTML) 5 Page - AVX Corporation

  NP30MA0502F Datasheet HTML 1Page - AVX Corporation NP30MA0502F Datasheet HTML 2Page - AVX Corporation NP30MA0502F Datasheet HTML 3Page - AVX Corporation NP30MA0502F Datasheet HTML 4Page - AVX Corporation NP30MA0502F Datasheet HTML 5Page - AVX Corporation NP30MA0502F Datasheet HTML 6Page - AVX Corporation NP30MA0502F Datasheet HTML 7Page - AVX Corporation NP30MA0502F Datasheet HTML 8Page - AVX Corporation NP30MA0502F Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
8 (.315)
30 (1.18)
Interlayer
Paper
42 (1.66)
Inside
48(1.99)
Outside
31 (1.22)
360 (14.2)
Automatic Insertion
NTC Disc Thermistors
TAPING CHARACTERISTICS
Missing components
A maximum of 3 consecutive components may be missing
from the bandolier, surrounded by at least 6 filled positions.
The number of missing components may not exceed 0.5%
of the total per packing module.
The beginning and the end of tape exhibit 8 or 9 blank
positions.
H
I
L
AMMOPACK
REEL
LI
H
330 (13.0)
46 (1.81)
290 (11.4)
hh
H1
H1
H
P1
P0
P
d
W
E
t
AB
W2
W1
H0
E
I2
D0
p
p
W0
A - B
Cross section
Direction of unreeling
Marking on
this side
Adhesive
tape
Reference plane
Value
Tolerance
Dimensions Characteristics
18
+1 / -0.5
W
Leading tape width
6±0.3
W0
Adhesive tape width
9
+0.75 / -0.5
W1
Sprocket hole position
3 max.
W2
Distance between the top of the tape and
the adhesive
4±0.2
D0
Diameter of sprocket hole
16/19.5
±0.5
H0
Distance between the tape axis and the
seating plane of the component
H1
Distance between the tape axis and the top
of component body
Value
Tolerance
Dimensions Characteristics
12.7
±0.2
P0
Sprocket holes pitch
254
±1
–
Distance between 21 consecutive holes
20 pitches
0.7
±0.2
t
Total thickness of tape
2.54
5.08
+0.6
E
Lead spacing
-0.1
5.08
3.85
± 0.7
P1
Distance between the sprocket hole axis
and the lead axis
12.7
±1.0
P
Spacing of components
0.5
0.6
±5%
d
Lead diameter
0±1.3
3
P
Verticality of components
0±2
3
h
Alignment of components
DIMENSIONS: millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com