Electronic Components Datasheet Search
  English  ▼

X  

S9013 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # S9013
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S9013 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  S9013_14 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S9013_14 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S9013_14 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S9013_14 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
S9013
C082
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=0.1mA,IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=40V,IE=0
0.1
μA
Collector cut-off current
ICEO
VCE=20V,IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
VCE=1V,IC=50mA
120
400
DC current gain
hFE
VCE=1V,IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB= 50mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=500mA, IB= 50mA
1.2
V
Transition frequency
fT
VCE=6V, IC= 20mA
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com