Electronic Components Datasheet Search
  English  ▼

X  

STYN808 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN808
Description  Thyristor Discretes(SCRs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN808 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN808 Datasheet HTML 1Page - Sirectifier Semiconductors STYN808 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STYN208(S) thru STYN1008(S)
ELECTRICAL CHARACTERISTICS (
Tj = 25°C, unless otherwise specified)
s
STANDARD
THERMAL RESISTANCES
Symbol
Test Conditions
Unit
IGT
VD = 12 V
RL = 33 W
MIN.
2
mA
MAX.
15
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kW
Tj = 125°C
MIN.
0.2
V
IH
IT = 100 mA Gate open
MAX.
30
mA
IL
IG = 1.2 IGT
MAX.
70
mA
dV/dt
VD = 67 % VDRM
Gate open
Tj = 125°C
MIN.
150
V/µs
VTM
ITM = 16 A tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125° C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
46
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µA
Tj = 125°C
2
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
2
.0
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-220AB
60
°C/W
S = 0.5 cm²
70
S= copper surface under tab
TO-263
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Package
15 mA
TO-220AB
200~~1000
200~~1000
STYNX08S
15 mA
TO-263
OTHER INFORMATION
Note: x = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
1.50 g
50
Tube
STYNX08
STYNX08
1.90 g
50
STYNX08S
STYNX08
STYNX08S
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com
Value
Thyristor
Discretes(SCRs)
Tube



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com