Electronic Components Datasheet Search
  English  ▼

X  

21P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 21P
Description  46.0 mm Diameter Eleven Turn Dial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21P Datasheet(HTML) 1 Page - Vishay Siliconix

  21P Datasheet HTML 1Page - Vishay Siliconix 21P Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL 21P
www.vishay.com
Vishay Spectrol
Revision: 10-Jul-12
1
Document Number: 57017
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
46.0 mm Diameter Eleven Turn Dial
FEATURES
• Round vernier scale
•1 13/16" dia. (46.0 mm)
• Material: plastic ABS mold
• Finish: metallized clear (aluminum)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
DIALS
Market appliance
Industrial
Dimensions
46 mm dia.
RoHS
COMPLIANT
MECHANICAL SPECIFICATIONS
Mounting
Direct to shaft with # 4 to 40 unc hext socket set screw located adjacent to no. 75 on graduated
dial
Numeral size:
Counter wheel
Graduated dial
1/12" x 1/16" (2.0 mm x 1.6 mm)
1/8" x 1/12" (3.2 mm x 2.0 mm)
Graduation size:
Numeral and every fifth
Intermediate
Width
1/12" (2.0 mm)
1/24" (1.0 mm)
0.01" (0.2 mm)
Weight
13 g
OPERATIONAL SPECIFICATIONS
Readout and operation
1099 turns total. The number in window (0 thru 10) indicates completed number of turn of the drive
sleeve. Graduated circular dial indicates the percent of the partial turn of the drive sleeve
Transfer point
The number in center of window shall change as graduated dial rotates between 98 and 0
Rotation
Readout shall increase with CW and decrease with CCW rotation
Accuracy
Zero backlash between graduated dial and drive sleeve
DIMENSIONS in millimeters (inches)
ORDERING INFORMATION/DESCRIPTION
21P
A
11
BO10
e
MODEL
SHAFT DIAMETER AND ACCOMODATION
FINISH
PACKAGING
LEAD FINISH
A 1/4" shaft (standard)
B 6 mm shaft
Metallized clear (aluminium)
Example: 21P - A - 11
SAP PART NUMBERING GUIDELINES
21P
A
11
B10
MODEL
SHAFT DIAMETER
FINISH
PACKAGING
0.96"
(24.6 mm)
0.625"
(15.9 mm)
DRILL 0.125 ON RADIUS 0.5625
(3.175 mm)
(14.3 mm)
NUT
PANEL
POTENTIOMETER
10 TURN MAX.


Similar Part No. - 21P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21P VISHAY-21P Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21PA11B10 VISHAY-21PA11B10 Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
21PA11BO10E VISHAY-21PA11BO10E Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
21PB11BO10E VISHAY-21PB11BO10E Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
More results

Similar Description - 21P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
logo
TT Electronics.
2600 TTELEC-2600 Datasheet
486Kb / 2P
Turn Counting Dial
2640 TTELEC-2640 Datasheet
500Kb / 2P
Turn Counting Dial
2694 TTELEC-2694 Datasheet
371Kb / 1P
Turn Counting Dial
logo
Vishay Siliconix
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
21P VISHAY-21P_V01 Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com