Electronic Components Datasheet Search
  English  ▼

X  

302 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 302
Description  2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

302 Datasheet(HTML) 1 Page - Vishay Siliconix

  302 Datasheet HTML 1Page - Vishay Siliconix 302 Datasheet HTML 2Page - Vishay Siliconix 302 Datasheet HTML 3Page - Vishay Siliconix 302 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 302
www.vishay.com
Vishay Spectrol
Revision: 22-Nov-16
1
Document Number: 57057
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2" (50.8 mm) Single Turn Wirewound
Precision Potentiometer
FEATURES
• Screw, servo and bushing mount types
available
• Large range of ohmic values: 5
 to 85 k
• Extra taps upon request
• Gangable up to 6 sections on a same shaft
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, single turn wirewound
Output type
Output by turrets
Market appliance
Professional
Dimensions
2" (50.8 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total resistance:
Tolerance 50
 and above
Below 50
STANDARD
5
 to 50 k
± 3 %
± 5 %
SPECIAL
85 k
± 1 %
± 3 %
Absolute minimum resistance
Linearity x total resistance or 0.5
 whichever is greater
End voltage
Linearity x total applied voltage for total resistance above 20
, 2.0 % of total applied voltage
for 20
 and below
Linearity (independent)
5
 to 50 
50
 to 200 
200
 to 1 k
1 k
 to 10 k
10 k
 and above
STANDARD
± 1.0 %
± 0.50 %
± 0.25 %
± 0.25 %
± 0.25 %
BEST PRACTICAL
± 0.50 %
± 0.35 %
± 0.20 %
± 0.15 %
± 0.10 %
Noise
100
 ENR
Electrical angle
350° ± 2°
Power rating
Section 1: 4.0 W
Additional sections
70 °C ambient derated to zero at 125 °C
75 % of the rating of section 1 (3.0 W at 70 °C)
Insulation resistance
1000 M
 minimum 500 V
DC
Dielectric strength
1000 VRMS, 60 Hz
Taps (extra)
21 available as special, standard tolerance ± 1°
Phasing (CCW end points)
Additional sections phased to section 1 within ± 1°
ORDERING INFORMATION
30
2
B
12
032
03
X
X
X
X
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL REQUEST
302
B: bushing
S: servo
C: screw
1
2
3
4
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
xxxx


Similar Part No. - 302

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
302 DBLECTRO-302 Datasheet
326Kb / 1P
SCREW TYPE SERIES
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Vishay Siliconix
302 VISHAY-302 Datasheet
99Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
logo
France Joint
302 FRANCEJOINT-302 Datasheet
351Kb / 2P
PISTON/ROD SEALS
More results

Similar Description - 302

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
2 Diameter Single Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL302 VISHAY-MODEL302 Datasheet
255Kb / 4P
2 (50.8 mm) Single Turn Wirewound recision Potentiometer
28-Jun-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL402 VISHAY-MODEL402 Datasheet
273Kb / 4P
3 (76.2 mm) Single Turn Wirewound Precision Potentiometer
15-Jun-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
302 VISHAY-302_V01 Datasheet
99Kb / 4P
2" (50.8 mm) Single Turn Wirewound Precision Potentiometer
22-Nov-16
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com