Electronic Components Datasheet Search
  English  ▼

X  

AD5170EVAL Datasheet(PDF) 20 Page - Analog Devices

Part # AD5170EVAL
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170EVAL Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5170EVAL Datasheet HTML 16Page - Analog Devices AD5170EVAL Datasheet HTML 17Page - Analog Devices AD5170EVAL Datasheet HTML 18Page - Analog Devices AD5170EVAL Datasheet HTML 19Page - Analog Devices AD5170EVAL Datasheet HTML 20Page - Analog Devices AD5170EVAL Datasheet HTML 21Page - Analog Devices AD5170EVAL Datasheet HTML 22Page - Analog Devices AD5170EVAL Datasheet HTML 23Page - Analog Devices AD5170EVAL Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5170
Rev. A | Page 20 of 24
I2C COMPATIBLE 2-WIRE SERIAL BUS
The 2-wire I2C serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a START
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high (see Figure 45). The
following byte is the slave address byte, which consists of
the slave address followed by an R/W bit (this bit deter-
mines whether data is read from, or written to, the slave
device). AD0 and AD1 are configurable address bits which
allow up to four devices on one bus (see Table 7).
The slave address corresponding to the transmitted address
bits responds by pulling the SDA line low during the ninth
clock pulse (this is termed the Acknowledge bit). At this
stage, all other devices on the bus remain idle while the
selected device waits for data to be written to, or read from,
its serial register. If the R/W bit is high, the master will read
from the slave device. If the R/W bit is low, the master will
write to the slave device.
2.
In the write mode, the second byte is the instruction byte.
The first bit (MSB), 2T, of the instruction byte is the
second trim enable bit. A logic low selects the first array of
fuses, and a logic high selects the second array. This means
that after blowing the fuses with trim#1, the user still has
another chance to blow them again with trim#2. Note that
using trim#2 before trim#1 effectively disables trim#1 and,
in turn, only allows one-time programming.
The second MSB, SD, is a shutdown bit. A logic high causes
an open circuit at Terminal A while shorting the wiper to
Terminal B. This operation yields almost 0 Ω in rheostat
mode or 0 V in potentiometer mode. It is important to
note that the shutdown operation does not disturb the
contents of the register. When brought out of shutdown,
the previous setting is applied to the RDAC. Also, during
shutdown, new settings can be programmed. When the
part is returned from shutdown, the corresponding VR
setting is applied to the RDAC.
The third MSB, T, is the OTP (one-time programmable)
programming bit. A logic high blows the poly fuses and
programs the resistor setting permanently. For example, if
the user wanted to blow the first array of fuses, the
instruction byte would be 00100XXX. To blow the second
array of fuses, the instruction byte would be 10100XXX. A
logic low of the T bit simply allows the device to act as a
typical volatile digital potentiometer.
The fourth MSB must always be at Logic 0.
The fifth MSB, OW, is an overwrite bit. When raised to a
logic high, OW allows the RDAC setting to be changed
even after the internal fuses have been blown. However,
once OW is returned to a logic zero, the position of the
RDAC returns to the setting prior to overwrite. Because
OW is not static, if the device is powered off and on, the
RDAC presets to midscale or to the setting at which the
fuses were blown, depending on whether the fuses have
been permanently set.
The remainder of the bits in the instruction byte are Don’t
Care bits (see Figure 45).
After acknowledging the instruction byte, the last byte in
write mode is the data byte. Data is transmitted over the
serial bus in sequences of nine clock pulses (eight data bits
followed by an Acknowledge bit). The transitions on the
SDA line must occur during the low period of SCL and
remain stable during the high period of SCL (see
Figure 44).
3.
In the read mode, the data byte follows immediately after
the acknowledgment of the slave address byte. Data is
transmitted over the serial bus in sequences of nine clock
pulses (a slight difference from the write mode, with eight
data bits followed by an Acknowledge bit). Similarly, the
transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of
SCL (see Figure 46).
Following the data byte, the validation byte contains two
validation bits, E0 and E1. These bits signify the status of
the one-time programming (see Figure 46).
4.
After all data bits have been read or written, a STOP
condition is established by the master. A STOP condition is
defined as a low-to-high transition on the SDA line while
SCL is high. In write mode, the master pulls the SDA line
high during the 10th clock pulse to establish a STOP
condition (see Figure 45). In read mode, the master issues a
No Acknowledge for the 9th clock pulse (i.e., the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, which goes high to establish a
STOP condition (see Figure 46).
A repeated write function gives the user flexibility to update the
RDAC output a number of times after addressing and instructing
the part only once. For example, after the RDAC has acknowledged
its slave address and instruction bytes in the write mode, the
RDAC output updates on each successive byte. If different
instructions are needed, the write/read mode has to start again
with a new slave address, instruction, and data byte. Similarly, a
repeated read function of the RDAC is also allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com