Electronic Components Datasheet Search
  English  ▼

X  

830 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 830
Description  1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

830 Datasheet(HTML) 1 Page - Vishay Siliconix

  830 Datasheet HTML 1Page - Vishay Siliconix 830 Datasheet HTML 2Page - Vishay Siliconix 830 Datasheet HTML 3Page - Vishay Siliconix 830 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 57073
Revision 16-Jul-03
www.vishay.com
110
Model 830, 860
Vishay Spectrol
For technical questions, contact sfer@vishay.com
FEATURES
• 830: 15
Ω to 50KΩ, Three-Turn
• 860: 20
Ω to 200KΩ, Ten-Turn
1 - 13/16” (46mm) Three and Ten Turn Wirewound
Precision Potentiometer
PARAMETER
MODEL 830
MODEL 860
Total Resistance
Standard Range
15
Ω to 50KΩ
20
Ω to 200KΩ
Special to 150K
Ω
Special to 500K
Ω
Tolerance:
STANDARD
SPECIAL
200
Ω and above
± 3%
± 1%
Below 200
Ω± 5%
± 3%
Linearity (Independent)
± 0.25% standard
15
Ω to 1KΩ± 0.15%
–
1K
Ω to 5KΩ± 0.10%
–
5K
Ω to 25KΩ± 0.075%
–
25K
Ω and above
± 0.05%
–
20
Ω to 50Ω
–
± 0.15%
50
Ω to 200Ω
–
± 0.10%
200
Ω to 5KΩ
–
± 0.05%
5K
Ω and above
–
± 0.025%
Noise
100
Ω ENR for both models
Rotation
1080
° + 4° - 0°
3600
° + 4° - 0°
Power Rating
3.0 watts at 40
°C
8.0 watts at 40
°C
derated to zero at 125
°C
derated to zero at 125
°C
Insulation Resistance
1000M
Ω minimum 500VDC
Dielectric Strength
1000VRMS, 60Hz
Absolute Minimum Resistance
Not to exceed linearity x total resistance or 1
Ω,
whichever is greater
End Voltage
0.5% of total applied voltage maximum
Phasing
CCW End Points sect. 2 phased to
sect 1 within 1
°
Taps (Extra)
42 available as special
108 available as special
standard tolerance
± 1°
standard tolerance
± 1°
ELECTRICAL SPECIFICATIONS
ORDERING INFORMATION
Models 830 and 860 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on
your order, please state:
830, 860
1
1
XXX
MODEL
BUSHING MOUNT
NUMBER OF SECTIONS
RESISTANCE OF EACH
SECTION
Beginning with the section nearest
the mounting end
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead
time for delivery.


Similar Part No. - 830

ManufacturerPart #DatasheetDescription
logo
Littelfuse
830 LITTELFUSE-830 Datasheet
84Kb / 1P
PC Mount, Shocksafe 5x20mm Fuses
logo
List of Unclassifed Man...
830 ETC2-830 Datasheet
299Kb / 1P
ZERO ADJUSTMENT KNOB
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
logo
Jiangsu Donghai Semicon...
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
More results

Similar Description - 830

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7600 BITECH-7600 Datasheet
63Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
logo
Bi technologies
9301 BITECH-9301 Datasheet
60Kb / 4P
1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
830 VISHAY-830 Datasheet
322Kb / 4P
1 13/16" (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
162 VISHAY-162 Datasheet
90Kb / 4P
1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
22-Nov-16
164 VISHAY-164 Datasheet
261Kb / 3P
1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com