Electronic Components Datasheet Search
  English  ▼

X  

ADG636 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG636
Description  1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG636 Datasheet(HTML) 2 Page - Analog Devices

  ADG636 Datasheet HTML 1Page - Analog Devices ADG636 Datasheet HTML 2Page - Analog Devices ADG636 Datasheet HTML 3Page - Analog Devices ADG636 Datasheet HTML 4Page - Analog Devices ADG636 Datasheet HTML 5Page - Analog Devices ADG636 Datasheet HTML 6Page - Analog Devices ADG636 Datasheet HTML 7Page - Analog Devices ADG636 Datasheet HTML 8Page - Analog Devices ADG636 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG636–SPECIFICATIONS
–40 C to
–40 C to
Parameter
+25 C
+85 C
+125 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
VDD = +4.5 V, VSS = –4.5 V
On Resistance (RON)85
Ω typ
VS =
±3 V, I
S = –1 mA,
115
140
160
Ω max
Test Circuit 1
On Resistance Match Between
Channels (DRON)2
Ω typ
VS =
±3 V, I
S = –1 mA
4
5.5
6.5
Ω max
On Resistance Flatness (RFLAT(ON))25
Ω typ
VS =
±3 V, I
S = –1 mA
40
55
60
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = –5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS =
±4.5 V, V
D =
4.5 V,
±0.1
±0.25
± 2
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS =
±4.5 V, V
D =
4.5 V,
±0.1
±0.25
± 2
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD =
± 4.5 V, Test Circuit 3
±0.1
±0.25
± 6
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS
2
Transition Time
70
ns typ
VS1A = +3 V, VS1B = –3 V, RL = 300
Ω,
100
120
150
ns max
CL = 35 pF, Test Circuit 4
tON Enable
100
ns typ
RL = 300
Ω, C
L = 35 pF
135
170
190
ns max
VS = 3 V, Test Circuit 5
tOFF Enable
55
ns typ
RL = 300
Ω, C
L = 35 pF
80
90
100
ns max
VS = 3 V, Test Circuit 5
Break-Before-Make Time Delay, tBBM
20
ns typ
RL = 300
Ω, C
L = 35 pF,
10
ns min
VS = 3 V, Test Circuit 5
Charge Injection
–1.2
pC typ
VS = 0 V, RS = 0
Ω,C
L = 1 nF,
Test Circuit 7
Off Isolation
–65
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz,
Test Circuit 8
Channel-to-Channel Crosstalk
–65
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz,
Test Circuit 10
Bandwidth –3 dB
610
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 9
CS (OFF)
5
pF typ
f = 1 MHz
CD (OFF)
8
pF typ
f = 1 MHz
CD, CS (ON)
8
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +5.5 V, VSS = –5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
ISS
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Y Version Temperature Range: –40
°C to +125°C
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
DUAL SUPPLY1 (V
DD = 5 V
10%, VSS = –5 V
10%, GND = 0 V. All specifications –40 C to +125 C unless noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com