Electronic Components Datasheet Search
  English  ▼

X  

AP108 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP108
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP108 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP108 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP108 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AP108
F R E Q U E N C Y - M H z
Gain vs Temperature Vcc = 15
Noise Figure
2 7 . 0
2 6 . 0
2 5 . 0
2 4 . 0
2 3 . 0
2 2 . 0
2 1 . 0
Power Output at 1 dB Compression
Intercept Point Vcc = 15
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
5 . 0
4 . 0
3 . 0
2 . 0
1 6 . 0
1 5 . 0
1 4 . 0
1 3 . 0
1
10
30
50
100
150
200
250
300
350
1
10
30
50
100
150
200
250
300
350
1
10
30
50
100
150
200
250
300
350
1
10
30
50
100
150
200
250
300
350
8 0
7 0
6 0
5 0
4 0
3 0
I P 3
I P 2
2 n d H A R
Intercept Point Vcc = 12
F R E Q U E N C Y - M H z
1
10
30
50
100
150
200
250
300
350
8 0
7 0
6 0
5 0
4 0
3 0
I P 3
I P 2
2 n d H A R
+ 1 5 V
+ 1 2 V
+ 1 5 V
+ 1 2 V
Model: AP108
Vcc=+15V
Icc=108.59
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.24
1.44
15.43
-161
-25.0
2
1.10
1.19
15.32
-171
-28.1
3
1.06
1.13
15.31
-175
-29.0
4
1.05
1.11
15.33
-176
-29.4
5
1.04
1.10
15.34
-178
-29.5
10
1.04
1.07
15.34
179
1.8
-29.7
20
1.06
1.07
15.33
176
1.0
-29.8
50
1.16
1.10
15.28
167
0.78
-29.6
100
1.36
1.16
15.22
154
0.74
-29.2
150
1.60
1.26
15.11
140
0.75
-28.5
200
1.91
1.40
14.94
126
0.78
-28.1
250
2.31
1.59
14.63
112
0.79
-27.6
300
2.76
1.84
14.13
97
0.81
-27.1
350
3.26
2.17
13.38
83
0.81
-27.2
LINEAR S-PARAMETERS
Model: AP108
Vcc=+15V
Icc=108.59
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.11
-92.7
5.91
-161.2
0.056
145.9
0.18
114.9
2
0.05
-107.9
5.83
-171.3
0.039
154.5
0.08
84.9
3
0.03
-113.9
5.83
-174.6
0.035
160.4
0.06
68.9
4
0.02
-116.4
5.84
-176.3
0.034
164.2
0.05
56.0
5
0.02
-116.9
5.85
-177.6
0.034
166.7
0.05
46.9
10
0.02
-111.6
5.85
179.2
0.033
169.0
0.04
16.4
20
0.03
-104.1
5.84
175.5
0.032
167.1
0.04
-11.9
50
0.07
-103.9
5.81
167.0
0.033
153.3
0.05
-56.0
100
0.15
-112.6
5.77
153.7
0.035
131.2
0.08
-97.1
150
0.23
-122.9
5.70
140.1
0.038
110.7
0.12
-125.3
200
0.31
-133.6
5.59
126.1
0.039
88.8
0.17
-147.4
250
0.40
-145.6
5.39
111.8
0.042
70.8
0.23
-166.7
300
0.47
-157.9
5.09
97.2
0.044
53.6
0.30
175.8
350
0.53
-169.8
4.66
82.6
0.043
39.5
0.37
159.6
Model: AP108
Vcc=+12V
Icc=86.43
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1
1.18
1.34
15.39
-163
-25.7
2
1.08
1.16
15.27
-172
-28.4
3
1.05
1.12
15.27
-175
-29.2
4
1.04
1.11
15.28
-177
-29.5
5
1.04
1.10
15.29
-178
-29.7
10
1.04
1.09
15.29
179
1.7
-29.7
20
1.06
1.09
15.29
175
1.0
-29.9
50
1.16
1.11
15.25
167
0.79
-29.9
100
1.37
1.16
15.17
153
0.75
-29.2
150
1.61
1.26
15.06
140
0.76
-28.5
200
1.93
1.39
14.88
126
0.78
-28.0
250
2.33
1.58
14.55
111
0.79
-27.5
300
2.80
1.82
14.06
97
0.81
-27.0
350
3.30
2.15
13.28
82
0.81
-27.4
LINEAR S-PARAMETERS
Model: AP108
Vcc=+12V
Icc=86.43
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.08
-97.4
5.88
-163.4
0.052
146.8
0.14
107.0
2
0.04
-111.0
5.80
-172.1
0.038
157.1
0.07
75.7
3
0.02
-116.0
5.80
-175.1
0.034
162.0
0.06
57.5
4
0.02
-117.5
5.81
-176.7
0.033
165.7
0.05
45.4
5
0.02
-116.6
5.82
-177.9
0.033
167.0
0.05
35.7
10
0.02
-105.7
5.82
179.0
0.033
169.4
0.04
11.0
20
0.03
-100.4
5.81
175.4
0.032
167.3
0.04
-11.8
50
0.08
-102.2
5.79
166.9
0.032
153.3
0.05
-50.9
100
0.15
-112.1
5.74
153.5
0.035
130.9
0.08
-93.0
150
0.23
-122.9
5.66
139.8
0.038
109.2
0.12
-122.4
200
0.32
-133.8
5.55
125.7
0.040
88.7
0.16
-145.5
250
0.40
-145.8
5.34
111.4
0.042
68.9
0.22
-165.6
300
0.47
-158.2
5.04
96.8
0.044
53.2
0.29
176.5
350
0.53
-170.1
4.61
82.2
0.043
38.7
0.37
160.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com