Electronic Components Datasheet Search
  English  ▼

X  

AP148 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP148
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP148 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP148 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP148 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FR EQU EN CY - MH z
Gain vs Temperature Vcc = 15
Noise Figure
28.0
27.0
26.0
25.0
24.0
23.0
22.0
Power Output at 1 dB Compression
Intercept Point Vcc = 15
FR EQU EN CY - MH z
FR EQU EN CY - MH z
FR EQU EN CY - MH z
5.0
4.0
3.0
2.0
12.0
11.0
10.0
9.0
1
10
30
50
100
150
200
250
300
350
1
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
1
10
30
50
100
150
200
250
300
350
80
70
60
50
40
30
IP 3
IP 2
2nd HAR
Intercept Point Vcc = 12
FR EQU EN CY - MH z
1
10
30
50
100
150
200
250
300
350
80
70
60
50
40
30
IP 3
IP 2
2nd HAR
15v
12v
15v
12v
AP148
Model: AP148
Vcc=+15V
Icc=108.29
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.5
1.65
2.42
10.1
-14.0
1
1.19
1.32
11.4
-17.4
5
1.02
1.08
11.3
8.187
-18.7
10
1.01
1.07
11.3
1.511
-18.8
50
1.02
1.07
11.2
0.811
-18.9
100
1.05
1.09
11.2
0.741
-18.9
150
1.12
1.09
11.1
0.749
-19.0
200
1.23
1.09
11.1
0.771
-19.1
250
1.40
1.12
11.0
0.816
-19.2
300
1.67
1.23
10.7
0.866
-19.5
LINEAR S-PARAMETERS
Model: AP148
Vcc=+15V
Icc=108.29
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.5
0.24
-48.9
3.18
-144.1
0.199
171.0
0.42
176.6
1.0
0.09
-95.1
3.74
-167.1
0.135
164.0
0.14
109.9
5
0.01
-104.8
3.69
-178.9
0.116
175.0
0.04
50.9
10
0.00
-89.6
3.68
178.5
0.115
175.0
0.03
32.6
50
0.01
-91.3
3.65
167.4
0.114
166.0
0.04
17.3
100
0.03
-135.4
3.62
154.8
0.113
153.0
0.04
8.2
150
0.06
-157.9
3.60
142.0
0.112
139.0
0.04
-12.4
200
0.10
-175.0
3.58
128.9
0.111
125.0
0.04
-50.5
250
0.17
169.1
3.53
114.9
0.109
110.0
0.06
-102.2
300
0.25
153.9
3.44
100.0
0.106
94.0
0.10
-143.4
350
0.35
138.4
3.26
84.2
0.099
77.0
0.18
-172.1
350
0.46
122.6
2.98
67.8
0.090
58.0
0.27
164.5
Model: AP148
Vcc=+12V
Icc=85.17
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
0.5
1.47
1.93
11.2
-14.8
1
1.14
1.23
11.4
-17.7
5
1.01
1.07
11.3
7.102
-18.8
10
1.01
1.07
11.3
1.432
-18.8
50
1.02
1.08
11.2
0.807
-18.9
100
1.06
1.09
11.2
0.743
-18.9
150
1.12
1.10
11.1
0.752
-19.0
200
1.24
1.10
11.1
0.775
-19.1
250
1.42
1.13
10.9
0.820
-19.2
300
1.69
1.24
10.7
0.871
-19.5
LINEAR S-PARAMETERS
Model: AP148
Vcc=+12V
Icc=85.17
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.5
0.19
-71.2
3.65
-150.1
0.183
165.0
0.32
156.7
1.0
0.06
-100.5
3.72
-169.0
0.130
165.0
0.10
102.9
5
0.01
-105.6
3.68
-179.1
0.115
175.0
0.04
41.3
10
0.00
-79.7
3.67
178.4
0.115
176.0
0.03
25.9
50
0.01
-90.5
3.64
167.3
0.114
166.0
0.04
13.6
100
0.03
-133.7
3.61
154.6
0.113
153.0
0.04
4.6
150
0.06
-157.0
3.59
141.8
0.112
139.0
0.05
-15.8
200
0.11
-174.4
3.57
128.6
0.111
125.0
0.05
-53.2
250
0.17
169.6
3.52
114.5
0.109
110.0
0.06
-102.8
300
0.26
154.1
3.42
99.6
0.106
94.0
0.11
-143.2
350
0.36
138.6
3.24
83.7
0.099
76.0
0.18
-171.9
350
0.46
122.7
2.96
67.3
0.090
58.0
0.27
164.6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com