Electronic Components Datasheet Search
  English  ▼

X  

AP294 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AP294
Description  10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP294 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AP294 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP294 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
10-300 MHz
10-200 MHz
10-200 MHz
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
AP294
10 TO 200 MHz
TO-8 CASCADABLE AMPLIFIER
AP294
Typical Values
AP294
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5 dB
High Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+22.5 dBm
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+29.3 dB
High Reverse Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
36 dB
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
29.3 dB
28.5 dB
28.0 dB
Gain Flatness (Max.)
±0.2 dB
±0.4 dB
±0.5 dB
Noise Figure (Max.)
<3.5 dB
4.0 dB
4.5 dB
SWR (Max.)
Input
<1.5:1
1.7:1
1.8:1
Output
<1.5:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+22.5 dBm
+21.5 dBm
+21.0 dBm
Reverse Isolation
36.0 dB
——
DC Current (Max.)
60.0 mA
65.0 mA
70.0 mA
Typical @ 25 °C; 100 MHz
AP294
Second Order Harmonic Intercept Point. . . . . . . . . . . . . . .
+50 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+44 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+32 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . . . . . . . . . . . . .
+30 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+29.4 °C
1 Thermal resistance is based on total power dissipation.
APS294


Similar Part No. - AP294

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2900EC4 A-POWER-AP2900EC4 Datasheet
98Kb / 7P
Ultra-small Package Outline
AP2904EC4 A-POWER-AP2904EC4 Datasheet
97Kb / 7P
Ultra-small Package Outline
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
logo
Wuxi Chipown Micro-elec...
AP2953 CHIPOWN-AP2953 Datasheet
157Kb / 1P
3A, 23V Synchronous Rectifier Step-Down Regulator
AP2953A CHIPOWN-AP2953A Datasheet
311Kb / 9P
3A, 18V Synchronous Rectified Step-Down Converter
V2.0
More results

Similar Description - AP294

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP148 ETC-AP148 Datasheet
117Kb / 2P
1 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC293 ETC1-AC293 Datasheet
68Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A80-1 MACOM-A80-1_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 200 MHz
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC688 TELEDYNE-AC688 Datasheet
109Kb / 1P
200 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC751 TELEDYNE-AC751 Datasheet
174Kb / 2P
200 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com