Electronic Components Datasheet Search
  English  ▼

X  

AP388 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AP388
Description  10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AP388 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AP388 Datasheet HTML 1Page - Teledyne Technologies Incorporated AP388 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AP388
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature
Vcc= +15
14.5
14.0
13.5
13.0
12.5
6.0
5.0
4.0
3.0
Noise Figure
K EY: +25 ° C
+85 ° C
- 55 ° C
Power Output at 1 dB Compression
70
60
50
40
30
20
Intercept Point
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
IP 3
IP 2
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
25.0
24.0
23.0
22.0
21.0
20.0
19.0
18.0
17.0
+15 V
+12 V
+10 V
+8 V
2nd HAR
+15 V
+ 12 V
Model: AP388
Vcc=+15V
Icc=64.99
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.53
1.62
14.0
-21.6
20
1.33
1.33
14.3
-21.0
50
1.24
1.16
14.5
1.262
-20.7
100
1.26
1.27
14.5
0.902
-20.5
150
1.32
1.38
14.4
0.803
-20.3
200
1.43
1.50
14.5
0.785
-20.0
250
1.57
1.62
14.5
0.789
-19.4
300
1.73
1.76
14.6
0.831
-19.0
LINEAR S-PARAMETERS
Model: AP388
Vcc=+15V
Icc=64.99
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.21
-49.1
5.00
-168.1
0.083
12.0
0.24
133.6
20
0.14
-47.3
5.21
-177.4
0.089
6.0
0.14
133.8
50
0.11
-50.5
5.33
168.9
0.093
-1.0
0.08
170.1
100
0.11
-65.4
5.30
152.9
0.094
-7.0
0.12
-164.9
150
0.14
-87.0
5.26
138.6
0.096
-11.0
0.16
-170.6
200
0.18
-104.9
5.28
124.1
0.100
-16.0
0.20
179.1
250
0.22
-122.2
5.31
109.9
0.107
-23.0
0.24
166.2
300
0.27
-140.6
5.37
94.9
0.112
-30.0
0.28
150.8
350
0.32
-155.6
5.40
78.5
0.119
-39.0
0.32
132.9
400
0.37
-172.6
5.39
61.8
0.126
-49.0
0.38
111.3
Model: AP388
Vcc=+12V
Icc=51.33
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
10
1.51
1.60
14.0
-21.3
20
1.34
1.31
14.3
-20.8
50
1.25
1.16
14.5
1.272
-20.3
100
1.28
1.29
14.4
0.917
-20.3
150
1.36
1.44
14.3
0.826
-20.0
200
1.48
1.58
14.3
0.819
-19.6
250
1.62
1.74
14.4
0.811
-19.0
300
1.81
1.92
14.4
0.868
-18.5
LINEAR S-PARAMETERS
Model: AP388
Vcc=+12V
Icc=51.33
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.20
-49.4
5.00
-168.7
0.086
12.0
0.23
132.6
20
0.14
-47.4
5.19
-177.9
0.091
6.0
0.13
133.2
50
0.11
-52.3
5.30
168.3
0.096
-1.0
0.07
176.9
100
0.12
-69.7
5.26
151.8
0.097
-6.0
0.13
-160.1
150
0.15
-90.3
5.21
136.8
0.100
-11.0
0.18
-167.8
200
0.19
-108.7
5.21
122.1
0.105
-15.0
0.22
-179.4
250
0.24
-126.6
5.22
107.3
0.112
-22.0
0.27
166.7
300
0.29
-144.6
5.24
91.8
0.119
-30.0
0.32
150.0
350
0.34
-160.3
5.21
75.0
0.128
-40.0
0.36
131.0
400
0.40
-176.1
5.15
58.0
0.132
-50.0
0.42
109.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com